Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6273 Datasheet (PDF) - ANADIGICS, Inc

AWT6273 Datasheet PDF - ANADIGICS, Inc
Part # AWT6273
Download  AWT6273 Download
File Size   420.94 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module

AWT6273 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6273 Datasheet PDF - ANADIGICS, Inc

Part # AWT6273
Download  AWT6273 Click to download

File Size   420.94 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module

AWT6273 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWT6273

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6270 ANADIGICS-AWT6270 Datasheet
275Kb / 8P
HELP 830-840 MHz WCDMA 3.4V/27dBm Linear Power Amplifier Module
Rev 1.5
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.8
AWT6271RM20P8 ANADIGICS-AWT6271RM20P8 Datasheet
218Kb / 8P
HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.8
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 1.5
More results


Similar Description - AWT6273

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 1.5
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
Rev 2.0
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
Rev 1.1
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com