Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6282 Datasheet (PDF) - ANADIGICS, Inc

AWT6282 Datasheet PDF - ANADIGICS, Inc
Part # AWT6282
Download  AWT6282 Download
File Size   421.15 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module

AWT6282 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6282 Datasheet PDF - ANADIGICS, Inc

Part # AWT6282
Download  AWT6282 Click to download

File Size   421.15 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module

AWT6282 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWT6282

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
11/2008
AWT6280RM11P8 ANADIGICS-AWT6280RM11P8 Datasheet
585Kb / 16P
Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
11/2008
AWT6280RM11P9 ANADIGICS-AWT6280RM11P9 Datasheet
585Kb / 16P
Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
11/2008
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6281RM20P8 ANADIGICS-AWT6281RM20P8 Datasheet
439Kb / 8P
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
11/2008
More results


Similar Description - AWT6282

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6277R ANADIGICS-AWT6277R Datasheet
282Kb / 8P
HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
Rev 1.2
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6243R ANADIGICS-AWT6243R Datasheet
427Kb / 8P
HELP3TM 1.7 GHz/UMTS 3.4 V/28.5 dBm Linear Power Amplifier Module
Rev 2.3
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R_08 Datasheet
429Kb / 8P
HELPTM IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
11/2008
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
Rev 2.0
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
Rev 1.1
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com