Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6272R Datasheet (PDF) - ANADIGICS, Inc

AWT6272R Datasheet PDF - ANADIGICS, Inc
Part # AWT6272R
Download  AWT6272R Download
File Size   215.5 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module

AWT6272R Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6272R Datasheet PDF - ANADIGICS, Inc

Part # AWT6272R
Download  AWT6272R Click to download

File Size   215.5 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module

AWT6272R Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWT6272R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6272RM20P8 ANADIGICS-AWT6272RM20P8 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
AWT6272RM20P9 ANADIGICS-AWT6272RM20P9 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
More results


Similar Description - AWT6272R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.8
AWT6276R ANADIGICS-AWT6276R Datasheet
215Kb / 8P
HELP PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
Rev 1.4
AWT6277R ANADIGICS-AWT6277R Datasheet
282Kb / 8P
HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
Rev 1.2
AWT6307R ANADIGICS-AWT6307R Datasheet
180Kb / 8P
HELP Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Mod
Rev 1.0
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6276 ANADIGICS-AWT6276 Datasheet
432Kb / 8P
HELPTM PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
11/2008
AWT6301R ANADIGICS-AWT6301R Datasheet
382Kb / 9P
Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
10/2008
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
Rev 2.0
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com