Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9810 Datasheet (PDF) - Maxim Integrated Products

MAX9810 Datasheet PDF - Maxim Integrated Products
Part # MAX9810
Download  MAX9810 Download
File Size   226.99 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Electret Condenser Microphone Cartridge Preamplifier

MAX9810 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9810 Datasheet PDF - Maxim Integrated Products

Part # MAX9810
Download  MAX9810 Click to download

File Size   226.99 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Electret Condenser Microphone Cartridge Preamplifier

MAX9810 Datasheet (HTML) - Maxim Integrated Products


MAX9810 Product details

General Description
The MAX9810 microphone preamplifier is intended for use inside electret condenser microphone (ECM) cartridges. Current solutions use a FET as an impedance converter. FETs have limited gain, are susceptible to noise and require additional components external to the ECM cartridge for biasing and amplification. The MAX9810 replaces the FET with a high-gain, high-noise rejection, low-output-impedance amplifier. Designed to be integrated inside the ECM cartridge, the MAX9810 offers a flat frequency response, tightly controlled gain, increased sensitivity, and high-noise rejection greatly simplifying system design. Target applications include ECM cartridges in cell phones, PDAs, notebooks, and other portable audio devices.

Features
♦ Replaces FET in Electret Condenser Microphone
♦ 2.3V to 5.5V Single-Supply Operation
♦ Low-Impedance Output (<0.4Ω)
♦ High PSRR: 82dB
♦ Three High-Gain Options:
    MAX9810A: 24dB
    MAX9810B: 27dB
    MAX9810C: 30dB
♦ Internal Bias Voltage
♦ Low Supply Current (670µA)
♦ Rail-to-Rail® Output
♦ No Output Phase Reversal During Overload Conditions
♦ Available in a Tiny 4-Bump UCSP

Applications
    Electret Condenser Microphone Cartridges In:
        Cell Phones
        Notebooks
        PDAs
        Portable Audio




Similar Part No. - MAX9810

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX981 MAXIM-MAX981 Datasheet
325Kb / 17P
Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Dallas Semiconductor
MAX9812 DALLAS-MAX9812 Datasheet
309Kb / 11P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812 Datasheet
245Kb / 10P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX9812 MAXIM-MAX9812 Datasheet
280Kb / 10P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
logo
Analog Devices
MAX9812 AD-MAX9812 Datasheet
280Kb / 10P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 3 4/14
More results


Similar Description - MAX9810

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
WM-034B PANASONIC-WM-034B Datasheet
48Kb / 1P
Omnidirectional Electret Condenser Microphone Cartridge
WM-60A PANASONIC-WM-60A Datasheet
42Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
electret condenser microphone
logo
Panasonic Semiconductor
WM-61B102B PANASONIC-WM-61B102B Datasheet
76Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
WM-61A PANASONIC-WM-61A Datasheet
76Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
WM-63PR PANASONIC-WM-63PR Datasheet
42Kb / 1P
Omnidirectional Electret Condenser Microphone Cartridge
M3CA0207 PANASONIC-M3CA0207 Datasheet
47Kb / 1P
Rubber Holder for Electret Condenser Microphone Cartridge
logo
List of Unclassifed Man...
WM-55D103 ETC2-WM-55D103 Datasheet
80Kb / 1P
Noise Cancelling Back Electret Condenser Microphone Cartridge
WM-63PRT ETC2-WM-63PRT Datasheet
31Kb / 1P
Omnidirectional Electret Condenser Microphone Cartridge
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com