Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX981 Datasheet (PDF) - Maxim Integrated Products

MAX981 Datasheet PDF - Maxim Integrated Products
Part # MAX981
Download  MAX981 Download
File Size   325.37 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators

MAX981 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX981 Datasheet PDF - Maxim Integrated Products

Part # MAX981
Download  MAX981 Click to download

File Size   325.37 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators

MAX981 Datasheet (HTML) - Maxim Integrated Products


MAX981 Product details

General Description
The MAX971–MAX974 and MAX981–MAX984 single/dual/quad low-voltage comparators feature the lowest power consumption available. These micropower devices draw less than 4µA supply current over temperature (MAX971/MAX972/MAX981/MAX982), and include an internal 1.182V ±1% (MAX971/MAX973/MAX974) or ±2% (MAX981–MAX984) voltage reference and programmable hysteresis.

Features
♦ Available in Ultra-Small Packages:
   UCSP™ (MAX972)
   µMAX (MAX9_1/MAX9_2/MAX9_3)
♦ Ultra-Low Quiescent Current (4µA, max)
   Over Extended Temp Range (MAX971/MAX981)
♦ Power Supplies:
   Single 2.5V to 11V
   Dual ±1.25V to ±5.5V
♦ Input Voltage Range Includes Negative Supply
♦ Internal Bandgap Reference
   1.182V ±1% (MAX97_)
   1.182V ±2% (MAX98_)
♦ 12µs Propagation Delay (10mV Overdrive)
♦ Output Has Separate GND Pin (MAX9_1/MAX9_4)

Applications
   Battery-Powered Systems
   Threshold Detectors
   Window Comparators
   Level Translators
   Oscillator Circuits




Similar Part No. - MAX981

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9810 MAXIM-MAX9810 Datasheet
226Kb / 9P
Electret Condenser Microphone Cartridge Preamplifier
Rev 0; 7/02
MAX9810AEBS-T MAXIM-MAX9810AEBS-T Datasheet
226Kb / 9P
Electret Condenser Microphone Cartridge Preamplifier
Rev 0; 7/02
MAX9810BEBS-T MAXIM-MAX9810BEBS-T Datasheet
226Kb / 9P
Electret Condenser Microphone Cartridge Preamplifier
Rev 0; 7/02
MAX9810CEBS-T MAXIM-MAX9810CEBS-T Datasheet
226Kb / 9P
Electret Condenser Microphone Cartridge Preamplifier
Rev 0; 7/02
logo
Dallas Semiconductor
MAX9812 DALLAS-MAX9812 Datasheet
309Kb / 11P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
More results


Similar Description - MAX981

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com