Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDT960 Datasheet (PDF) - Bel Fuse Inc.

LDT960 Datasheet PDF - Bel Fuse Inc.
Part # LDT960
Download  LDT960 Download
File Size   716.82 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 3 phase AC input 400 ??500 VAC

LDT960 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDT960 Datasheet PDF - Bel Fuse Inc.

Part # LDT960
Download  LDT960 Click to download

File Size   716.82 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 3 phase AC input 400 ??500 VAC

LDT960 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - LDT960

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LDT RUBYCON-LDT Datasheet
175Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
logo
Schurter Inc.
LDT SCHURTER-LDT Datasheet
370Kb / 4P
Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
LDT SCHURTER-LDT Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
LDT SCHURTER-LDT Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
04.01.2022
logo
LUMEX INC.
LDT-A514RI LUMEX-LDT-A514RI Datasheet
107Kb / 1P
0.56 TRIPLE DIGIT, SEVEN SEGMENT DISPLAY
More results


Similar Description - LDT960

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
440LD68-R VISHAY-440LD68-R Datasheet
162Kb / 5P
AC Line Rated Ceramic Disc Capacitors Class X1, 400 VAC/Class Y1, 500 VAC
06-Jun-13
logo
Powerbox
C4800 POWERBOX-C4800 Datasheet
219Kb / 3P
AC input 1 or 3-phase, 47 - 400 Hz
logo
Bel Fuse Inc.
LDN120-12 BEL-LDN120-12 Datasheet
410Kb / 4P
Single phase AC input 90 ??264 VAC (110 - 345 VDC)
LDN240-12 BEL-LDN240-12 Datasheet
413Kb / 4P
Single phase AC input 120 / 240 VAC (with switch)
LDW120-12 BEL-LDW120-12 Datasheet
425Kb / 4P
Single or two phase input AC 187 ??550 VAC
LDT480-24 BEL-LDT480-24 Datasheet
536Kb / 4P
3 phase AC input 400 ??500 VAC
LDN40 BEL-LDN40 Datasheet
615Kb / 4P
Single phase AC input 90 - 264 VAC (110 - 345 VDC)
LDN120 BEL-LDN120 Datasheet
542Kb / 4P
Single phase AC input 90 ??264 VAC (110 - 345 VDC
LDN240 BEL-LDN240 Datasheet
539Kb / 4P
Single phase AC input 120 / 240 VAC (with switch)
LDT2400 BEL-LDT2400 Datasheet
702Kb / 5P
3 phase AC input: 400 ??500 VAC
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com