Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V96BMC Datasheet (PDF) - List of Unclassifed Manufacturers

V96BMC Datasheet PDF - List of Unclassifed Manufacturers
Part # V96BMC
Download  V96BMC Download
File Size   100.28 Kbytes
Page   14 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description HIGH PERFORMANCE BURST DRAM CONTROLLER FOR i960Cx/Hx/Jx PROCESSORS

V96BMC Datasheet (PDF)

Go To PDF Page Download Datasheet
V96BMC Datasheet PDF - List of Unclassifed Manufacturers

Part # V96BMC
Download  V96BMC Click to download

File Size   100.28 Kbytes
Page   14 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description HIGH PERFORMANCE BURST DRAM CONTROLLER FOR i960Cx/Hx/Jx PROCESSORS

V96BMC Datasheet (HTML) - List of Unclassifed Manufacturers


V96BMC Product details

[V3 Semiconductor Inc.]

The V96BMC Revision D Burst DRAM Controller is an enhanced version of the previous V96BMC with improved timing and provides dedicated Power and Ground rails to support the increasingly popular 3.3V DRAM modules. Timing parameters are also improved over the older versions of the device.
The V96BMC provides the DRAM access protocols, buffer signals, data multiplexer signals, and bus timing resources required to work with DRAM. By using the V96BMC, system designers can replace tedious design work, expensive FPGAs and valuable board space with a single, high-performance, easily configured device. The processor interface of the V96BMC implements the bus protocol of the i960Cx/Hx/Jx. The pin naming convention has been duplicated on the V96BMC; simply wire like-named pins together to create the interface.

• Pin/Software compatible with earlier V96BMC.
• Direct interfaces to i960Cx/Hx/Jx processors.
• 3.3V DRAM interface support.
• Near SRAM performance achieved with DRAM.
• Supports up to 512Mb of DRAM.
• Interleaved or non-interleaved operation.
• Supports symmetric and non-symmetric arrays.
• Software-configured operational parameters.
• Integrated Page Cache Management.
• 2Kbyte burst transaction support.
• On chip memory address multiplexer/drivers.
• Two 24-bit timers, 8-bit bus watch timer.
• Up to 40MHz operation.
• Low cost 132-pin PQFP package.




Similar Part No. - V96BMC

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V965ME04 ZCOMM-V965ME04 Datasheet
99Kb / 2P
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V965ME04-LF ZCOMM-V965ME04-LF Datasheet
87Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V965ME04-LF ZCOMM-V965ME04-LF Datasheet
87Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V965ME04-LF ZCOMM-V965ME04-LF Datasheet
84Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V965ME04-LF ZCOMM-V965ME04-LF_10 Datasheet
87Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
More results


Similar Description - V96BMC

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC560GTL CALMIRCO-PAC560GTL Datasheet
254Kb / 3P
HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
logo
Elpida Memory
PD488588FF ELPIDA-PD488588FF Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM for High Performance Solution
logo
Intel Corporation
M82C288 INTEL-M82C288 Datasheet
335Kb / 20P
BUS CONTROLLER FOR M80286 PROCESSORS
M82288 INTEL-M82288 Datasheet
1Mb / 16P
BUS CONTROLLER FOR M82286 PROCESSORS
logo
List of Unclassifed Man...
V292BMC ETC1-V292BMC Datasheet
100Kb / 14P
HIGH PERFORMANCE BURST DRAM CONTROLLER FOR Am29030/40 PROCESSORS
logo
Intel Corporation
82C288 INTEL-82C288 Datasheet
1Mb / 21P
BUS CONTROLLER FOR 80286 PROCESSORS
logo
Vishay Siliconix
SI9142 VISHAY-SI9142 Datasheet
261Kb / 11P
Synchronous Buck Controller for High Performance Processors
05-Apr-99
logo
California Micro Device...
PACGTL CALMIRCO-PACGTL Datasheet
515Kb / 3P
HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
logo
Zilog, Inc.
Z80382 ZILOG-Z80382 Datasheet
304Kb / 77P
HIGH-PERFORMANCE DATA COMMUNICATIONS PROCESSORS
logo
List of Unclassifed Man...
TIC-1000A ETC2-TIC-1000A Datasheet
383Kb / 2P
High Performance, Value Compound for High-End Computer Processors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com