Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD488588FF Datasheet (PDF) - Elpida Memory

PD488588FF Datasheet PDF - Elpida Memory
Part # PD488588FF
Download  PD488588FF Download
File Size   1074.2 Kbytes
Page   79 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 288M bits Direct Rambus DRAM for High Performance Solution

PD488588FF Datasheet (PDF)

Go To PDF Page Download Datasheet
PD488588FF Datasheet PDF - Elpida Memory

Part # PD488588FF
Download  PD488588FF Click to download

File Size   1074.2 Kbytes
Page   79 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 288M bits Direct Rambus DRAM for High Performance Solution

PD488588FF Datasheet (HTML) - Elpida Memory


PD488588FF Product details

Description
The Direct Rambus DRAM (Direct RDRAM) is a general purpose high-performance memory device suitable for use in a broad range of applications including computer memory, graphics, video, and any other application where high bandwidth and low latency are required.
The µPD488588 is 288Mbits Direct Rambus DRAM (RDRAM), organized as 16M words by 18 bits. The use of Rambus Signaling Level (RSL) technology permits 600MHz to 800MHz transfer rates while using conventional system and board design technologies. Direct RDRAM devices are capable of sustained data transfers at 1.25ns per two bytes (10ns per sixteen bytes).
The architecture of the Direct RDRAMs allows the highest sustained bandwidth for multiple, simultaneous randomly addressed memory transactions. The separate control and data buses with independent row and column control yield over 95% bus efficiency. The Direct RDRAM’s four banks support up to four simultaneous transactions.
System oriented features for mobile, graphics and large memory systems include power management, byte masking.
The µPD488588 is offered in a CSP horizontal package suitable for desktop as well as low-profile add-in card and mobile applications. Direct RDRAMs operate from a 2.5V supply.

Features
• Highest sustained bandwidth per DRAM device
   — 1.6 GB/s sustained data transfer rate
   — Separate control and data buses for maximized
      efficiency
   — Separate row and column control buses for easy
      scheduling and highest performance
   — 32 banks: four transactions can take place
      simultaneously at full bandwidth data rates
• Low latency features
   — Write buffer to reduce read latency
   — 3 precharge mechanisms for controller flexibility
   — Interleaved transactions
• Advanced power management:
   — Multiple low power states allows flexibility in power
      consumption versus time to active state
   — Power-down self-refresh
• Overdrive current mode
• Organization: 2K bytes pages and 32 banks, x 18
• Uses Rambus Signaling Level (RSL) for up to 800MHz operation
• Package : 80-ball FBGA (µBGA) (17.16 × 10.2)




Similar Part No. - PD488588FF

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD488588FF-C60-53-DH1 ELPIDA-PD488588FF-C60-53-DH1 Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
PD488588FF-C71-45-DH1 ELPIDA-PD488588FF-C71-45-DH1 Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
PD488588FF-C80-45-DH1 ELPIDA-PD488588FF-C80-45-DH1 Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
More results


Similar Description - PD488588FF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD488448 NEC-UPD488448 Datasheet
1Mb / 30P
128 M-bit Direct Rambus??DRAM
logo
Elpida Memory
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
Direct Rambus DRAM SO-RIMM Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
Direct Rambus DRAM SO-RIMM Module
PD488588 ELPIDA-PD488588 Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
128MB Direct Rambus DRAM RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
256MB Direct Rambus??DRAM RIMM??Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
512MB Direct Rambus??DRAM RIMM??Module
EBR51UC8ABFD ELPIDA-EBR51UC8ABFD Datasheet
114Kb / 12P
512MB Direct Rambus??DRAM RIMM??Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com