Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD488588FF Datasheet(PDF) 4 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 4 Page - Elpida Memory

  PD488588FF Datasheet HTML 1Page - Elpida Memory PD488588FF Datasheet HTML 2Page - Elpida Memory PD488588FF Datasheet HTML 3Page - Elpida Memory PD488588FF Datasheet HTML 4Page - Elpida Memory PD488588FF Datasheet HTML 5Page - Elpida Memory PD488588FF Datasheet HTML 6Page - Elpida Memory PD488588FF Datasheet HTML 7Page - Elpida Memory PD488588FF Datasheet HTML 8Page - Elpida Memory PD488588FF Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
4
µµµµPD488588FF-C80-40
Pin Description
Signal
Input / Output
Type
#pins
Description
SIO0, SIO1
Input / Output CMOS
Note1
2
Serial input/output. Pins for reading from and writing to the control registers using
a serial access protocol. Also used for power management.
CMD
Input
CMOS
Note1
1
Command input. Pins used in conjunction with SIO0 and SIO1 for reading from
and writing to the control registers. Also used for power management.
SCK
Input
CMOS
Note1
1
Serial clock input. Clock source used for reading from and writing to the control
registers.
VDD
18
Supply voltage for the RDRAM core and interface logic.
VDDa
1
Supply voltage for the RDRAM analog circuitry.
VCMOS
2
Supply voltage for CMOS input/output pins.
GND
22
Ground reference for RDRAM core and interface.
GNDa
2
Ground reference for RDRAM analog circuitry.
DQA8..DQA0
Input / Output
RSL
Note2
9
Data byte A. Nine pins which carry a byte of read or write data between the
Channel and the RDRAM.
CFM
Input
RSL
Note2
1
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
CFMN
Input
RSL
Note2
1
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
VREF
1
Logic threshold reference voltage for RSL signals.
CTMN
Input
RSL
Note2
1
Clock to master. Interface clock used for transmitting RSL signals to the Channel.
Negative polarity.
CTM
Input
RSL
Note2
1
Clock to master. Interface clock used for transmitting RSL signals to the Channel.
Positive polarity.
ROW2..ROW0
Input
RSL
Note2
3
Row access control. Three pins containing control and address information for
row accesses.
COL4..COL0
Input
RSL
Note2
5
Column access control. Five pins containing control and address information for
column accesses.
DQB8..DQB0
Input / Output
RSL
Note2
9
Data byte B. Nine pins which carry a byte of read or write data between the
Channel and the RDRAM.
Total pin count per package
80
Notes 1. All CMOS signals are high-true ; a high voltage is a logic one and a low voltage is logic zero.
2. All RSL signals are low-true ; a low voltage is a logic one and a high voltage is logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com