Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD488588FF Datasheet(PDF) 62 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 62 Page - Elpida Memory

Back Button PD488588FF Datasheet HTML 58Page - Elpida Memory PD488588FF Datasheet HTML 59Page - Elpida Memory PD488588FF Datasheet HTML 60Page - Elpida Memory PD488588FF Datasheet HTML 61Page - Elpida Memory PD488588FF Datasheet HTML 62Page - Elpida Memory PD488588FF Datasheet HTML 63Page - Elpida Memory PD488588FF Datasheet HTML 64Page - Elpida Memory PD488588FF Datasheet HTML 65Page - Elpida Memory PD488588FF Datasheet HTML 66Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
62
µµµµPD488588FF-C80-40
33. CMOS - Receive Timing
Figure 33-1 is a timing diagram which shows the detailed requirements for the CMOS input signals.
The CMD and SIO0 signals are inputs which receive information transmitted by a controller (or by another RDRAM’s
SIO1 output). SCK is the CMOS clock signal driven by the controller. All signals are high true.
The cycle time, high phase time, and low phase time of the SCK clock are tCYCLE1, tCH1 and tCL1, all measured at the
50 % level. The rise and fall times of SCK, CMD, and SIO0 are tDR1 and tDF1, measured at the 20 % and 80 % levels.
The CMD signal is sampled twice per tCYCLE1 interval, on the rising edge (odd data) and the falling edge (even data).
The set/hold window of the sample points is tS1/tH1. The SCK and CMD timing points are measured at the 50 % level.
The SIO0 signal is sampled once per tCYCLE1 interval on the falling edge. The set/hold window of the sample points
is tS2/tH2. The SCK and SIO0 timing points are measured at the 50 % level.
Figure 33-1 CMOS Timing - Data Signals for Receive
VIH,CMOS
80%
50%
20%
V IL,CMOS
SCK
even
odd
VIH,CMOS
80%
20%
VIL,CMOS
CMD
tDR2
t DF2
tS1
50%
t DR2
t DF2
CYCLE1
t
CH1
t
CL1
t
tH1
tS1
tH1
V IH,CMOS
80%
20%
VIL,CMOS
SIO0
t DR1
t DF1
tS2
50%
tH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com