Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD488588FF Datasheet(PDF) 2 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 2 Page - Elpida Memory

  PD488588FF Datasheet HTML 1Page - Elpida Memory PD488588FF Datasheet HTML 2Page - Elpida Memory PD488588FF Datasheet HTML 3Page - Elpida Memory PD488588FF Datasheet HTML 4Page - Elpida Memory PD488588FF Datasheet HTML 5Page - Elpida Memory PD488588FF Datasheet HTML 6Page - Elpida Memory PD488588FF Datasheet HTML 7Page - Elpida Memory PD488588FF Datasheet HTML 8Page - Elpida Memory PD488588FF Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
2
µµµµPD488588FF-C80-40
Ordering Information
Part number
Organization*
words
× bits × Internal
Banks
Clock frequency
MHz (max.)
/RAS access
time (ns)
Package
µ PD488588FF-C80-40-DH1
512K x 18 x 32s
800
40
80-ball FBGA (
µ BGA)
(17.16
× 10.2)
Note: The “32s” designation indicates that this RDRAM core is composed of 32 banks which use a “split” bank
architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com