Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD488588FF Datasheet(PDF) 13 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 13 Page - Elpida Memory

Back Button PD488588FF Datasheet HTML 9Page - Elpida Memory PD488588FF Datasheet HTML 10Page - Elpida Memory PD488588FF Datasheet HTML 11Page - Elpida Memory PD488588FF Datasheet HTML 12Page - Elpida Memory PD488588FF Datasheet HTML 13Page - Elpida Memory PD488588FF Datasheet HTML 14Page - Elpida Memory PD488588FF Datasheet HTML 15Page - Elpida Memory PD488588FF Datasheet HTML 16Page - Elpida Memory PD488588FF Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
13
µµµµPD488588FF-C80-40
Table 3-3 shows the COP field encoding. The device must be in the ATTN power state in order to receive COLC
packets. The COLC packet is used primarily to specify RD (read) and WR (write) commands. Retire operations
(moving data from the write buffer to a sense amp) happen automatically. See Figure 15-1 for a more detailed
description.
The COLC packet can also specify a PREC command, which precharges a bank and its associated sense amps.
The RDA/WRA commands are equivalent to a combining RD/WR with a PREC. RLXC (relax) performs a power mode
transition. See 23. Power State Management.
Table 3-3 COLC Packet Field Encodings
S
DC4..DC0
(select device)
Note1
COP3..0
Name
Command Description
0
- - - -
- - - - -
—
No operation.
1
/= (DEVID4..0)
- - - - -
—
Retire write buffer of this device.
1
== (DEVID4..0)
x000
Note2
NOCOP
Retire write buffer of this device.
1
== (DEVID4..0)
x001
WR
Retire write buffer of this device, then write column C6..C0 of bank
BC4..BC0 to write buffer.
1
== (DEVID4..0)
x010
RSRV
Reserved, no operation.
1
== (DEVID4..0)
x011
RD
Read column C6..C0 of bank BC4..BC0 of this device.
1
== (DEVID4..0)
x100
PREC
Retire write buffer of this device, then precharge bank BC4..BC0 (see
Figure 12-2).
1
== (DEVID4..0)
x101
WRA
Same as WR, but precharge bank BC4..BC0 after write buffer (with new
data) is retired.
1
== (DEVID4..0)
x110
RSRV
Reserved, no operation.
1
== (DEVID4..0)
x111
RDA
Same as RD, but precharge bank BC4..BC0 afterward.
1
== (DEVID4..0)
1xxx
RLXC
Move this device into the standby (STBY) power state (see Figure 23-2).
Notes 1. “/=” means not equal, “==” means equal.
2. An “x” entry indicates which commands may be combined. For instance, the two commands WR/RLXC
may be specified in one COP value(1001).
Table 3-4 shows the COLM and COLX field encodings. The M bit is asserted to specify a COLM packet with two 8
bit bytemask fields MA and MB. If the M bit is not asserted, an COLX is specified. It has device and bank address
fields, and an opcode field. The primary use of the COLX packet is to permit an independent PREX (precharge)
command to be specified without consuming control bandwidth on the ROW pins. It is also used for the CAL
(calibrate) and SAM (sample) current control commands (see 25. Current and Temperature Control), and for the
RLXX power mode command (see 23. Power State Management).
Table 3-4 COLM Packet and COLX Packet Field Encodings
M
DX4..DX0
(select device)
XOP4..0
Name
Command Description
1
- - - -
-
MSK
MB/MA bytemasks used by WR/WRA.
0
/= (DEVID4..0)
-
—
No operation.
0
== (DEVID4..0)
00000
NOXOP
No operation.
0
== (DEVID4..0)
1xxx0
Note
PREX
Precharge bank BX4..BX0 of this device (see Figure 12-2).
0
== (DEVID4..0)
x10x0
CAL
Calibrate (drive) IOL current for this device (see Figure 25-1).
0
== (DEVID4..0)
x11x0
CAL / SAM Calibrate (drive) and Sample (update) IOL current for this device (see Figure 25-1).
0
== (DEVID4..0)
xxx10
RLXX
Move this device into the standby (STBY) power state (see Figure 23-2).
0
== (DEVID4..0)
xxxx1
RSRV
Reserved, no operation.
Note An “x” entry indicates which commands may be combined. For instance, the two commands PREX/RLXX
may be specified in one XOP value (10010).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com