Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD488588FF Datasheet(PDF) 33 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 33 Page - Elpida Memory

Back Button PD488588FF Datasheet HTML 29Page - Elpida Memory PD488588FF Datasheet HTML 30Page - Elpida Memory PD488588FF Datasheet HTML 31Page - Elpida Memory PD488588FF Datasheet HTML 32Page - Elpida Memory PD488588FF Datasheet HTML 33Page - Elpida Memory PD488588FF Datasheet HTML 34Page - Elpida Memory PD488588FF Datasheet HTML 35Page - Elpida Memory PD488588FF Datasheet HTML 36Page - Elpida Memory PD488588FF Datasheet HTML 37Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
33
µµµµPD488588FF-C80-40
20. Control Register Packets
Table 20-1 summarizes the formats of the four packet
types for control register transactions. Table 20-2
summarizes the fields that are used within the packets.
Figure 20-1 shows the transaction format for the SETR,
CLRR, and SETF commands. These transactions consist
of a single SRQ packet, rather than four packets like the
SWR and SRD commands. The same framing sequence
on the CMD input is used, however. These commands are
used during initialization prior to any control register read
or write transactions.
Table 20-1 Control Register Packet Formats
SCK
Cycle
SIO0 or
SIO1
for SRQ
SIO0 or
SIO1
for SA
SIO0 or
SIO1
for SINT
SIO0 or
SIO1
for SD
SCK
Cycle
SIO0 or
SIO1
for SRQ
SIO0 or
SIO1
for SA
SIO0 or
SIO1
for SINT
SIO0 or
SIO1
for SD
0
rsrv
rsrv
0
SD15
8
SOP1
SA7
0
SD7
1
rsrv
rsrv
0
SD14
9
SOP0
SA6
0
SD6
2
rsrv
rsrv
0
SD13
10
SBC
SA5
0
SD5
3
rsrv
rsrv
0
SD12
11
SDEV4
SA4
0
SD4
4
rsrv
SA11
0
SD11
12
SDEV3
SA3
0
SD3
5
SDEV5
SA10
0
SD10
13
SDEV2
SA2
0
SD2
6
SOP3
SA9
0
SD9
14
SDEV1
SA1
0
SD1
7
SOP2
SA8
0
SD8
15
SDEV0
SA0
0
SD0
Table 20-2 Field Description for Control Register Packets
Field
Description
rsrv
Reserved. Should be driven as “0” by controller.
SOP3..SOP0
0000 - SRD. Serial read of control register {SA11..SA0} of RDRAM {SDEV5..SDEV0}.
0001 - SWR. Serial write of control register {SA11..SA0} of RDRAM {SDEV5..SDEV0}.
0010 - SETR. Set Reset bit, all control registers assume their reset values.
Note 16 tSCYCLE delay until CLRR
command.
0100 - SETF. Set fast (normal) clock mode. 4 tSCYCLE delay until next command.
1011 - CLRR. Clear Reset bit, all control registers retain their reset values.
Note 4 tSCYCLE delay until next
command.
1111 - NOP. No serial operation.
0011, 0101 – 1010, 1100 – 1110 – RSRV. Reserved encodings.
SDEV5..SDEV0
Serial device. Compared to SDEVID5..SDEVID0 field of INIT control register field to select the RDRAM to
which the transaction is directed.
SBC
Serial broadcast. When set, RDRAMs ignore {SDEV5..SDEV0} for RDRAM selection.
SA11..SA0
Serial address. Selects which control register of the selected RDRAM is read or written.
SD15..SD0
Serial data. The 16 bits of data written to or read from the selected control register of the selected RDRAM.
Note The SETR and CLRR commands must always be applied in two successive transactions to RDRAMs; i.e. they may not be
used in isolation. This is called “SETR/CLRR Reset”.
Figure 20-1 SETR, CLRR, SETF Transaction
SCK
CMD
SIO0
T20
SRQ packet - SETR/CLRR/SETF
1111
00000000...00000000
SRQ packet - SETR/CLRR/SETF
0000
SIO1
T4
The packet is repeated
from SIO0 to SIO1
1
1
1
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com