Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7911LP5E Datasheet (PDF) - Analog Devices

HMC7911LP5E Datasheet PDF - Analog Devices
Part # HMC7911LP5E
Download  HMC7911LP5E Download
File Size   497.67 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 17.0 GHz to 20.0 GHz, GaAs, MMIC, I/Q Upconverter

HMC7911LP5E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC7911LP5E Datasheet PDF - Analog Devices

Part # HMC7911LP5E
Download  HMC7911LP5E Click to download

File Size   497.67 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 17.0 GHz to 20.0 GHz, GaAs, MMIC, I/Q Upconverter

HMC7911LP5E Datasheet (HTML) - Analog Devices




Similar Part No. - HMC7911LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7912 AD-HMC7912 Datasheet
552Kb / 24P
21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
HMC7912LP5E AD-HMC7912LP5E Datasheet
552Kb / 24P
21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
HMC7912LP5ETR AD-HMC7912LP5ETR Datasheet
552Kb / 24P
21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B Datasheet
435Kb / 10P
DIVIDE-BY-2, DIVIDE-BY-4 0.1 - 28 GHz
HMC791LC4B HITTITE-HMC791LC4B Datasheet
738Kb / 10P
28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
More results


Similar Description - HMC7911LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC815LC5 HITTITE-HMC815LC5 Datasheet
664Kb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
logo
Analog Devices
ADMV1011 AD-ADMV1011 Datasheet
607Kb / 26P
17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
2/2018-Rev. 0 to Rev. A
HMC7912 AD-HMC7912 Datasheet
552Kb / 24P
21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
HMC815B AD-HMC815B Datasheet
551Kb / 30P
21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
1/2018-Revision 0
HMC6505A AD-HMC6505A Datasheet
755Kb / 30P
5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
8/2017-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com