Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC819LCS Datasheet (PDF) - Hittite Microwave Corporation

HMC819LCS Datasheet PDF - Hittite Microwave Corporation
Part # HMC819LCS
Download  HMC819LCS Download
File Size   1211.09 Kbytes
Page   16 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz

HMC819LCS Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC819LCS Datasheet PDF - Hittite Microwave Corporation

Part # HMC819LCS
Download  HMC819LCS Click to download

File Size   1211.09 Kbytes
Page   16 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz

HMC819LCS Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC819LCS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8191 AD-HMC8191 Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8191LC4 AD-HMC8191LC4 Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8191LC4TR AD-HMC8191LC4TR Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8191LC4TR-R5 AD-HMC8191LC4TR-R5 Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8192LG AD-HMC8192LG Datasheet
885Kb / 40P
20 GHz to 42 GHz, Wideband I/Q Mixer
11/2019-Revision 0
More results


Similar Description - HMC819LCS

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC523 HITTITE-HMC523 Datasheet
330Kb / 6P
GaAs MMIC I/Q MIXER 15 - 23.6 GHz
HMC709LC5 HITTITE-HMC709LC5 Datasheet
240Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC815LC5 HITTITE-HMC815LC5 Datasheet
664Kb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
HMC523 HITTITE-HMC523_09 Datasheet
247Kb / 6P
GaAs MMIC I/Q MIXER 15 - 23.6 GHz
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC711LC5_1005 HITTITE-HMC711LC5_1005 Datasheet
791Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com