Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2185 Datasheet (PDF) - Analog Devices

LTC2185 Datasheet PDF - Analog Devices
Part # LTC2185
Download  LTC2185 Download
File Size   2132.85 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer

LTC2185 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2185 Datasheet PDF - Analog Devices

Part # LTC2185
Download  LTC2185 Click to download

File Size   2132.85 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer

LTC2185 Datasheet (HTML) - Analog Devices




Similar Part No. - LTC2185

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2185 LINER-LTC2185 Datasheet
805Kb / 36P
16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2185 LINER-LTC2185 Datasheet
1,020Kb / 36P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
logo
Analog Devices
LTC2185 AD-LTC2185 Datasheet
2Mb / 32P
300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
06/18-REV.A
logo
Linear Technology
LTC2185CUPPBF LINER-LTC2185CUPPBF Datasheet
805Kb / 36P
16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2185IUPPBF LINER-LTC2185IUPPBF Datasheet
805Kb / 36P
16-Bit, 125/105/80Msps Low Power Dual ADCs
More results


Similar Description - LTC2185

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5566 LINER-LTC5566 Datasheet
656Kb / 28P
300MHz to 6GHz Dual Programmable Gain Downconverting Mixer
logo
Analog Devices
LTC5555 AD-LTC5555 Datasheet
3Mb / 26P
1.5GHz to 7GHz Programmable Gain Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer
F1192 RENESAS-F1192 Datasheet
2Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
2/22/2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com