Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5B35 Datasheet (PDF) - Analog Devices

5B35 Datasheet PDF - Analog Devices
Part # 5B35
Download  5B35 Download
File Size   697.54 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ISOLATED LINEARIZED 4-WIRE RDT INPUT

5B35 Datasheet (PDF)

Go To PDF Page Download Datasheet
5B35 Datasheet PDF - Analog Devices

Part # 5B35
Download  5B35 Click to download

File Size   697.54 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ISOLATED LINEARIZED 4-WIRE RDT INPUT

5B35 Datasheet (HTML) - Analog Devices


5B35 Product details

PRODUCT OVERVIEW
The 5B Series represents an innovative generation of low cost, high performance plug-in signal conditioners. Designed for industrial applications, these modules incorporate highly reliable transformer-based isolation and automated surface mount manufacturing technology. They are compact, economical components whose performance exceeds that available from more expensive devices. Combining 1500 V rms continuous isolation, +0.05% calibrated accuracy, small size and low cost, the 5B Series is an attractive alternative to expensive signal conditioners and in-house designs.

FEATURES
    Single-channel signal conditioning module that Amplifies,
    Protects, Filters, and Isolates Analog Input.
    Isolates and protects a wide variety of four-wire RTDs.
    Generates an linearized, highly accurate output of 0 to +5V.
    Module circuitry can withstand 240v rms at the input screw terminals.
    All 5B35 series modules are mix-and-match and Hot Swappable.

APPLICATIONS
    Industrial signal conditioning
    Industrial signal isolation
    Industrial signal filtering
    Signal Linearization
   




Similar Part No. - 5B35

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B35 AD-5B35_15 Datasheet
697Kb / 9P
Isolated Linearized 4-Wire RTD Input
REV. 0
More results


Similar Description - 5B35

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B47 AD-3B47 Datasheet
347Kb / 8P
Isolated, Linearized, Thermocouple Input
3B34 AD-3B34 Datasheet
358Kb / 8P
Isolated, Linearized RTD Input
5B47 AD-5B47 Datasheet
703Kb / 8P
Isolated, Linearized Thermocouple Input
5B34 AD-5B34 Datasheet
697Kb / 8P
Isolated Linearized RTD Input
7B47 AD-7B47 Datasheet
540Kb / 8P
Isolated, Linearized Thermocouple Input
7B34 AD-7B34 Datasheet
549Kb / 8P
Isolated, Linearized RTD Input
3B34 AD-3B34_15 Datasheet
399Kb / 8P
Isolated, Linearized RTD Input
REV. 0
5B35 AD-5B35_15 Datasheet
697Kb / 9P
Isolated Linearized 4-Wire RTD Input
REV. 0
5B47 AD-5B47_15 Datasheet
699Kb / 8P
Isolated, Linearized Thermocouple Input
REV. 0
7B47 AD-7B47_15 Datasheet
541Kb / 8P
Isolated, Linearized Thermocouple Input
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com