Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5B35 Datasheet(PDF) 1 Page - Analog Devices

Part # 5B35
Description  ISOLATED LINEARIZED 4-WIRE RDT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B35 Datasheet(HTML) 1 Page - Analog Devices

  5B35 Datasheet HTML 1Page - Analog Devices 5B35 Datasheet HTML 2Page - Analog Devices 5B35 Datasheet HTML 3Page - Analog Devices 5B35 Datasheet HTML 4Page - Analog Devices 5B35 Datasheet HTML 5Page - Analog Devices 5B35 Datasheet HTML 6Page - Analog Devices 5B35 Datasheet HTML 7Page - Analog Devices 5B35 Datasheet HTML 8Page - Analog Devices 5B35 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Isolated Linearized 4-Wire RTD Input
5B35
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Single-channel signal conditioning module that Amplifies,
Protects, Filters, and Isolates Analog Input.
Isolates and protects a wide variety of four-wire RTDs.
Generates an linearized, highly accurate output of 0 to +5V.
Module circuitry can withstand 240v rms at the input screw-
terminals.
All 5B35 series modules are mix-and-match and Hot
Swappable.
APPLICATIONS
Industrial signal conditioning
Industrial signal isolation
Industrial signal filtering
Signal Linearization
PRODUCT OVERVIEW
The 5B Series represents an innovative generation of low cost,
high performance plug-in signal conditioners. Designed for
industrial applications, these modules incorporate highly
reliable transformer-based isolation and automated surface-
mount manufacturing technology. They are compact,
economical components whose performance exceeds that
available from more expensive devices. Combining 1500 V rms
continuous isolation, +0.05% calibrated accuracy, small size and
low cost, the 5B Series is an attractive alternative to expensive
signal conditioners and in-house designs
All modules are potted and identical in pin-out and size (2.27” x
2.32” x 0.595”). They can be mixed and matched, permitting
users to address their exact needs, and may be “hot swapped
without disturbing field wiring or power. The isolated input
modules provide 0 to +5V or +5V outputs and accept J, K, T, E,
R, S, N, or B type thermocouples.
These modules feature complete signal conditioning functions
including 240 V rms input protection, filtering, chopper
stabilized low drift +1 uV/oC amplification, 1500 V rms
isolation, and sensor excitation when required.
All modules feature excellent common mode rejection and
meet industrial transient surge withstand specifications.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. 5B35 Functional Block Diagram
There are also a number of backplanes and mounting sockets
which provide a complete signal conditioning solution for end
users. Each backplane incorporates screw terminals for field
wiring inputs and outputs and cold junction sensors for
thermocouple applications.
These signal conditioners are designed to provide an easy and
convenient solution to signal conditioning problems of both
designers and end users in measurement and control
applications. Typical uses include microcomputer-based
measurement systems, standard data acquisition systems,
programmable controllers, analog recorders and dedicated
control systems. The 5 B series modules are ideally suited to
applications where monitoring and control of temperature,
pressure, flow, rotation and other analog signals are required.
The 5B Series modules and backplanes are approved by Factory
Mutual (FM) and the 5B Series modules are approved by the
Canadian Standards Association (CSA) for use in Class 1,
Division 2, Groups A, B, C, and D locations. These approvals
certify that the 5B Series is suitable for use in locations where a
hazardous concentration of flammable gas may exist only under
fault conditions of operation. Equipment of this category is
called “nonincendive” and they need no special enclosures or
other physical safeguards. The 5B series modules and
backplanes have been tested and passed the stringent heavy
industrial requirements of the EU’s electromagnetic
compatibility (ENC) directive – EN50082-1 and EN50081-2.
When used according to installation directions (refer to 5B
series User Manual), any errors caused by EMI/RFI interference
will be less than 0.1% of the full scale 5B measurement range for
field strengths up to 10 V/M and frequencies up to 1 GHz.


Similar Part No. - 5B35

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B35 AD-5B35_15 Datasheet
697Kb / 9P
Isolated Linearized 4-Wire RTD Input
REV. 0
More results

Similar Description - 5B35

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B47 AD-3B47 Datasheet
347Kb / 8P
Isolated, Linearized, Thermocouple Input
3B34 AD-3B34 Datasheet
358Kb / 8P
Isolated, Linearized RTD Input
5B47 AD-5B47 Datasheet
703Kb / 8P
Isolated, Linearized Thermocouple Input
5B34 AD-5B34 Datasheet
697Kb / 8P
Isolated Linearized RTD Input
7B47 AD-7B47 Datasheet
540Kb / 8P
Isolated, Linearized Thermocouple Input
7B34 AD-7B34 Datasheet
549Kb / 8P
Isolated, Linearized RTD Input
3B34 AD-3B34_15 Datasheet
399Kb / 8P
Isolated, Linearized RTD Input
REV. 0
5B35 AD-5B35_15 Datasheet
697Kb / 9P
Isolated Linearized 4-Wire RTD Input
REV. 0
5B47 AD-5B47_15 Datasheet
699Kb / 8P
Isolated, Linearized Thermocouple Input
REV. 0
7B47 AD-7B47_15 Datasheet
541Kb / 8P
Isolated, Linearized Thermocouple Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com