Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN38 Datasheet (PDF) - Panasonic Semiconductor

AN38 Datasheet PDF - Panasonic Semiconductor
Part # AN38
Download  AN38 Download
File Size   45.23 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Cylinder Hall motor driving IC for VCR

AN38 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN38 Datasheet PDF - Panasonic Semiconductor

Part # AN38
Download  AN38 Click to download

File Size   45.23 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Cylinder Hall motor driving IC for VCR

AN38 Datasheet (HTML) - Panasonic Semiconductor


AN38 Product details

■ Features
• Operating supply voltage range:
VCC = 4.5 V to 5.5 V
• Motor voltage: VM = 5 V to 20 V
• Maximum output current: Iomax = 1.5 A
• Three-phase, half-wave and overlap driving lowers a magnetic sound noise.
• PG/FG generating circuit built in
• Thermal protection circuit built in




Similar Part No. - AN38

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN38 PANASONIC-AN38 Datasheet
237Kb / 6P
VCR CAPSTAN DIREET MOTOR DRIVE CIRCUIT
AN38 PANASONIC-AN38 Datasheet
103Kb / 11P
Sensor-less Motor Drive IC for VTR Movie Cylinder
AN38 PANASONIC-AN38 Datasheet
55Kb / 6P
Cylinder/capstan motor driver IC for video camera
logo
QT Optoelectronics
AN38 QT-AN38 Datasheet
700Kb / 8P
0.300-INCH SEVEN SEGMENT DISPLAYS
AN38 QT-AN38 Datasheet
633Kb / 8P
0.300-INCH SEVEN SEGMENT DISPLAYS
More results


Similar Description - AN38

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3895FHQ PANASONIC-AN3895FHQ Datasheet
55Kb / 6P
Cylinder/capstan motor driver IC for video camera
AN6387 PANASONIC-AN6387 Datasheet
208Kb / 4P
VCR CYLINDER DIREET MOTOR DRIVE CIRCUIT
logo
Rohm
BA6825FS ROHM-BA6825FS Datasheet
103Kb / 6P
2-phase motor driver for VCR cylinder motors
BA6970FS ROHM-BA6970FS Datasheet
136Kb / 9P
2-phase motor driver for VCR cylinder motors
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
GaAs Hall IC for Fan Motor
logo
Panasonic Semiconductor
AN3860SA PANASONIC-AN3860SA Datasheet
155Kb / 6P
Cylinder Motor Driver IC for Video Camera
AN3841SR PANASONIC-AN3841SR Datasheet
31Kb / 1P
Capstan Motor Driver IC for VCR
logo
NTE Electronics
NTE1630 NTE-NTE1630 Datasheet
85Kb / 2P
Integrated Circuit VCR Cylinder Motor Driver
logo
Sanyo Semicon Device
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
Hall IC Fan Motor Driver
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com