Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN38 Datasheet (PDF) - Panasonic Semiconductor

AN38 Datasheet PDF - Panasonic Semiconductor
Part # AN38
Download  AN38 Download
File Size   237.0 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description VCR CAPSTAN DIREET MOTOR DRIVE CIRCUIT

AN38 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN38 Datasheet PDF - Panasonic Semiconductor

Part # AN38
Download  AN38 Click to download

File Size   237.0 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description VCR CAPSTAN DIREET MOTOR DRIVE CIRCUIT

AN38 Datasheet (HTML) - Panasonic Semiconductor


AN38 Product details

Features
Three-phase full-wave operation.
Torque ripple canceller built-in.
Operation voltage of motor (VM) = 24V (max)
Max. output current. (Io max.)=1A
Supply voltage : 5V




Similar Part No. - AN38

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN38 PANASONIC-AN38 Datasheet
45Kb / 4P
Cylinder Hall motor driving IC for VCR
AN38 PANASONIC-AN38 Datasheet
103Kb / 11P
Sensor-less Motor Drive IC for VTR Movie Cylinder
AN38 PANASONIC-AN38 Datasheet
55Kb / 6P
Cylinder/capstan motor driver IC for video camera
logo
QT Optoelectronics
AN38 QT-AN38 Datasheet
700Kb / 8P
0.300-INCH SEVEN SEGMENT DISPLAYS
AN38 QT-AN38 Datasheet
633Kb / 8P
0.300-INCH SEVEN SEGMENT DISPLAYS
More results


Similar Description - AN38

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1812 NTE-NTE1812 Datasheet
23Kb / 2P
Integrated Circuit Capstan Interface Circuit for VCR
logo
Panasonic Semiconductor
AN6387 PANASONIC-AN6387 Datasheet
208Kb / 4P
VCR CYLINDER DIREET MOTOR DRIVE CIRCUIT
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
VCR Capstan Motor Brushless Motor Driver
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
logo
Sony Corporation
CX20036 SONY-CX20036 Datasheet
404Kb / 19P
CAPSTAN MOTOR DRIVE
logo
Panasonic Semiconductor
AN3841SR PANASONIC-AN3841SR Datasheet
31Kb / 1P
Capstan Motor Driver IC for VCR
logo
NTE Electronics
NTE1425 NTE-NTE1425 Datasheet
80Kb / 2P
Integrated Circuit Capstan Servo Control Circuit for VCR
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com