Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA2222 Datasheet (PDF) - Qorvo, Inc

TGA2222 Datasheet PDF - Qorvo, Inc
Part # TGA2222
Download  TGA2222 Download
File Size   571.85 Kbytes
Page   21 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 32 ??38 GHz 10 Watt GaN Amplifier

TGA2222 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2222 Datasheet PDF - Qorvo, Inc

Part # TGA2222
Download  TGA2222 Click to download

File Size   571.85 Kbytes
Page   21 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 32 ??38 GHz 10 Watt GaN Amplifier

TGA2222 Datasheet (HTML) - Qorvo, Inc




Similar Part No. - TGA2222

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2224 QORVO-TGA2224 Datasheet
545Kb / 21P
32 ??38 GHz 5 Watt GaN Amplifier
TGA2224EVB1 QORVO-TGA2224EVB1 Datasheet
545Kb / 21P
32 ??38 GHz 5 Watt GaN Amplifier
logo
TriQuint Semiconductor
TGA2227 TRIQUINT-TGA2227 Datasheet
1Mb / 16P
2??2 GHz GaN Low Noise Amplifier
logo
Qorvo, Inc
TGA2227 QORVO-TGA2227 Datasheet
613Kb / 15P
2 – 22 GHz GaN Low Noise Amplifier
Feb 2025
TGA2227-SM QORVO-TGA2227-SM Datasheet
900Kb / 17P
2 ??22 GHz GaN Low Noise Amplifier
More results


Similar Description - TGA2222

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999 Datasheet
660Kb / 10P
GaN MMIC 10 WATT POWER AMPLIFIER, 0.01 - 10 GHz
logo
Qorvo, Inc
QPA2225D QORVO-QPA2225D Datasheet
722Kb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
QPA2962 QORVO-QPA2962 Datasheet
1Mb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
QPA2575 QORVO-QPA2575 Datasheet
1Mb / 16P
32 ??38 GHz 3 Watt Power Amplifier
QPB3238 QORVO-QPB3238 Datasheet
794Kb / 9P
32 ??38 GHz Ka-Band GaN Amplifier
TGA2224 QORVO-TGA2224 Datasheet
545Kb / 21P
32 ??38 GHz 5 Watt GaN Amplifier
TGA2962 QORVO-TGA2962 Datasheet
637Kb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
QPA2225 QORVO-QPA2225 Datasheet
855Kb / 22P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
Dec. 2021
QPA2225D QORVO-QPA2225D_V01 Datasheet
1Mb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
May 2021
QPB3238N QORVO-QPB3238N Datasheet
1Mb / 17P
32 – 38 GHz Ka-Band GaN Amplifier
September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com