Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T06 Datasheet (PDF) - NXP Semiconductors

T06 Datasheet PDF - NXP Semiconductors
Part # T06
Download  T06 Download
File Size   88.56 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Inverter with open-drain outputs

T06 Datasheet (PDF)

Go To PDF Page Download Datasheet
T06 Datasheet PDF - NXP Semiconductors

Part # T06
Download  T06 Click to download

File Size   88.56 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Inverter with open-drain outputs

T06 Datasheet (HTML) - NXP Semiconductors


T06 Product details

DESCRIPTION
The 74HC3G06/74HCT3G06 is a high-speed Si-gate CMOS device. Specified in compliance with JEDEC standard no. 7A.
The 74HC3G06/74HCT3G06 provides three inverting buffers.

FEATURES
• Wide supply voltage range from 2.0 to 6.0 V
• High noise immunity
• Low power dissipation
• SOT505-2 and SOT765-1 package
• ESD protection:
    HBM EIA/JESD22-A114-A exceeds 2000 V
    MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 to +85 °C and −40 to +125 °C.




Similar Part No. - T06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T06 ISC-T06 Datasheet
170Kb / 3P
isc Silicon NPN Power Transistor
logo
HOPE Microelectronics C...
T06 HOPE-T06 Datasheet
233Kb / 11P
High Conversion Speed Temperature Sensor
logo
FCI connector
T06-0070 FCI-CONNECTOR-T06-0070 Datasheet
453Kb / 5P
PLCC SMT Socket
logo
HOPE Microelectronics C...
T06-B-00 HOPE-T06-B-00 Datasheet
233Kb / 11P
High Conversion Speed Temperature Sensor
T06-B-01 HOPE-T06-B-01 Datasheet
233Kb / 11P
High Conversion Speed Temperature Sensor
More results


Similar Description - T06

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC05 SLS-SL74HC05 Datasheet
35Kb / 5P
Hex Inverter with Open-Drain Outputs
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
Hex Inverter with Open-Drain Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
NL27WZ06 ONSEMI-NL27WZ06_12 Datasheet
127Kb / 7P
Dual Inverter with Open Drain Outputs
April, 2012 ??Rev. 9
logo
Unisonic Technologies
U74HCT3G06 UTC-U74HCT3G06 Datasheet
184Kb / 4P
INVERTER WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
ON Semiconductor
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
Hex inverter with open-drain outputs
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com