Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T06 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # T06
Description  Inverter with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

T06 Datasheet(HTML) 3 Page - NXP Semiconductors

  T06 Datasheet HTML 1Page - NXP Semiconductors T06 Datasheet HTML 2Page - NXP Semiconductors T06 Datasheet HTML 3Page - NXP Semiconductors T06 Datasheet HTML 4Page - NXP Semiconductors T06 Datasheet HTML 5Page - NXP Semiconductors T06 Datasheet HTML 6Page - NXP Semiconductors T06 Datasheet HTML 7Page - NXP Semiconductors T06 Datasheet HTML 8Page - NXP Semiconductors T06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2003 Dec 02
3
Philips Semiconductors
Product specification
Inverter with open-drain outputs
74HC3G06; 74HCT3G06
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
Z = high-impedance OFF-state.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
nA
nY
LZ
HL
TYPE NUMBER
PACKAGE
TEMPERATURE RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74HC3G06DP
−40 to +125 °C
8
TSSOP8
plastic
SOT505-2
H06
74HCT3G06DP
−40 to +125 °C
8
TSSOP8
plastic
SOT505-2
T06
74HC3G06DC
−40 to +125 °C
8
VSSOP8
plastic
SOT765-1
H06
74HCT3G06DC
−40 to +125 °C
8
VSSOP8
plastic
SOT765-1
T06
PIN
SYMBOL
DESCRIPTION
1
1A
data input
2
3Y
data output
3
2A
data input
4
GND
ground (0 V)
5
2Y
data output
6
3A
data input
7
1Y
data output
8VCC
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com