Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC943APM5E Datasheet (PDF) - Analog Devices

HMC943APM5E Datasheet PDF - Analog Devices
Part # HMC943APM5E
Download  HMC943APM5E Download
File Size   437.87 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description >1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier

HMC943APM5E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC943APM5E Datasheet PDF - Analog Devices

Part # HMC943APM5E
Download  HMC943APM5E Click to download

File Size   437.87 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description >1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier

HMC943APM5E Datasheet (HTML) - Analog Devices




Similar Part No. - HMC943APM5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC943ALP5DE AD-HMC943ALP5DE Datasheet
994Kb / 11P
GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER
More results


Similar Description - HMC943APM5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ABH264 HITTITE-HMC-ABH264 Datasheet
239Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 34 - 42 GHz
HMC943LP5E HITTITE-HMC943LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
HMC-ABH264 HITTITE-HMC-ABH264_10 Datasheet
589Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 34 - 42 GHz
logo
Analog Devices
HMC798ALC4 AD-HMC798ALC4 Datasheet
484Kb / 26P
24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
6/2018-Revision 0
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
7/2020-Revision 0
ADPA7009CHIP AD-ADPA7009CHIP Datasheet
625Kb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
3/2021-Revision 0
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7009-2 AD-ADPA7009-2 Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com