Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL103-03 Datasheet (PDF) - PhaseLink Corporation

PLL103-03 Datasheet PDF - PhaseLink Corporation
Part # PLL103-03
Download  PLL103-03 Download
File Size   149.35 Kbytes
Page   7 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS

PLL103-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLL103-03 Datasheet PDF - PhaseLink Corporation

Part # PLL103-03
Download  PLL103-03 Click to download

File Size   149.35 Kbytes
Page   7 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS

PLL103-03 Datasheet (HTML) - PhaseLink Corporation


PLL103-03 Product details

DESCRIPTIONS
The PLL103-03 is designed as a 3.3V/2.5V buffer to distribute high-speed clocks in PC applications. The device has 24 outputs. These outputs can be configured to support four unbuffered DDR (Double Data Rate) DIMMS or to support 2 unbuffered standard SDR (Single Data Rate) DIMMS and 2 DDR DIMMS. The PLL103-03 can be used in conjunction with the PLL202-04 or similar clock synthesizer for the VIA Pro 266 chipset.

FEATURES
• Generates 24-output buffers from one input.
• Supports up to 4 DDR DIMMS or 3 SDR DIMMS and 2 DDR DIMMS.
• Supports 266MHz DDR SDRAM.
• One additional output for feedback.
• Less than 5ns delay.
• Skew between any outputs is less than 100 ps.
• 2.5V or 3.3V Supply range.
• Enhanced DDR and SDRAM Output Drive selected by I2C.
• Available in 48 pin SSOP.




Similar Part No. - PLL103-03

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-01 PLL-PLL103-01 Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XC PLL-PLL103-01XC Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XI PLL-PLL103-01XI Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XM PLL-PLL103-01XM Datasheet
69Kb / 7P
Low Skew Buffers
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Similar Description - PLL103-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
PLL103-53 PLL-PLL103-53 Datasheet
148Kb / 7P
DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
logo
Winbond
W83196R-718B WINBOND-W83196R-718B Datasheet
242Kb / 13P
VIA BUFFER CHIP (4 X DDR or 2 X DDR 3 X SDRAM)
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Cypress Semiconductor
W255 CYPRESS-W255 Datasheet
255Kb / 10P
200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com