Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL103-02 Datasheet (PDF) - PhaseLink Corporation

PLL103-02 Datasheet PDF - PhaseLink Corporation
Part # PLL103-02
Download  PLL103-02 Download
File Size   178.86 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS

PLL103-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLL103-02 Datasheet PDF - PhaseLink Corporation

Part # PLL103-02
Download  PLL103-02 Click to download

File Size   178.86 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS

PLL103-02 Datasheet (HTML) - PhaseLink Corporation


PLL103-02 Product details

DESCRIPTIONS
The PLL103-02 Rev.D is designed as a 2.5V buffer to distribute high-speed clocks in PC applications. The device has 24 outputs. These outputs can be configured to support four unbuffered DDR DIMMS. The PLL103-02 Rev.D can be used in conjunction with the PLL202-04 or similar clock synthesizer for the VIA Pro 266 chipset. The PLL103-02 Rev.D also has an I2C interface, which can enable or disable each output clock. When power up, all output clocks are enabled (has internal pull up).

FEATURES
• Generates 24 output buffer from one input.
• Supports up to four DDR DIMMS.
• Supports 266MHz DDR SDRAM.
• One additional output for feedback.
• Less than 5ns delay.
• Skew between any outputs is less than 100 ps.
• 2.5V Supply range.
• Enhanced DDR Output Drive selected by I2C.
• Available in 48 pin SSOP.




Similar Part No. - PLL103-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02XC ETC1-PLL103-02XC Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02XC PLL-PLL103-02XC Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02XI ETC1-PLL103-02XI Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Similar Description - PLL103-02

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2318ANZPVC-11 CYPRESS-CY2318ANZPVC-11 Datasheet
184Kb / 9P
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Alliance Semiconductor ...
ASM2I2318ANZ ALSC-ASM2I2318ANZ Datasheet
547Kb / 13P
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-03 PLL-PLL103-03 Datasheet
149Kb / 7P
DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
PLL103-53 PLL-PLL103-53 Datasheet
148Kb / 7P
DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
logo
Cypress Semiconductor
CY2318BNZ CYPRESS-CY2318BNZ Datasheet
96Kb / 8P
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
CY2314ANZ CYPRESS-CY2314ANZ_08 Datasheet
237Kb / 8P
14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com