Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL103-04 Datasheet (PDF) - PhaseLink Corporation

PLL103-04 Datasheet PDF - PhaseLink Corporation
Part # PLL103-04
Download  PLL103-04 Download
File Size   122.59 Kbytes
Page   4 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description 1-to-4 Clock Distribution Buffer

PLL103-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLL103-04 Datasheet PDF - PhaseLink Corporation

Part # PLL103-04
Download  PLL103-04 Click to download

File Size   122.59 Kbytes
Page   4 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description 1-to-4 Clock Distribution Buffer

PLL103-04 Datasheet (HTML) - PhaseLink Corporation


PLL103-04 Product details

DESCRIPTIONS
The PLL103-04 is a 1-to-4 Clock Distribution Buffer, reproducing the reference input frequency (FIN) at 4 different outputs. It is designed to minimize skew between outputs and provides TTL and CMOS compatible output levels. An output enable selector is available to tri-state all outputs.

FEATURES
• 4 outputs identical to FIN.
• Low skew (< 250 ps between outputs).
• Input / Output frequency range 0 – 160 MHz
• 25mA drive capability at TTL levels.
• 70mA drive capability at CMOS levels.
• Output enable mode available to tri-state all outputs.
• 3.3V operation.
• Available in 8-Pin 150mil SOIC.




Similar Part No. - PLL103-04

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-01 PLL-PLL103-01 Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XC PLL-PLL103-01XC Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XI PLL-PLL103-01XI Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XM PLL-PLL103-01XM Datasheet
69Kb / 7P
Low Skew Buffers
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Similar Description - PLL103-04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
1:4 Clock Distribution Chip
1996 REV 2
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
1 to 4 Clock Buffer
Revision 091200
logo
Micrel Semiconductor
SY10EL15 MICREL-SY10EL15 Datasheet
69Kb / 5P
1:4 CLOCK DISTRIBUTION
logo
PhaseLink Corporation
PLL103-05 PLL-PLL103-05 Datasheet
122Kb / 4P
1-to-5 Clock Distribution Buffer
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
1 TO 4 HCSL CLOCK BUFFER
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
1:4 CLOCK BUFFER
logo
Micrel Semiconductor
SY100EL15L MICREL-SY100EL15L_06 Datasheet
60Kb / 5P
3.3V 1:4 CLOCK DISTRIBUTION
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
1 TO 4 CLOCK BUFFER
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
1:4 Clock Distribution
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
1:4 CLOCK BUFFER
Mar 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com