Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5V551 Datasheet (PDF) - Renesas Technology Corp

5V551 Datasheet PDF - Renesas Technology Corp
Part # 5V551
Download  5V551 Download
File Size   201.15 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:4 CLOCK BUFFER

5V551 Datasheet (PDF)

Go To PDF Page Download Datasheet
5V551 Datasheet PDF - Renesas Technology Corp

Part # 5V551
Download  5V551 Click to download

File Size   201.15 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:4 CLOCK BUFFER

5V551 Datasheet (HTML) - Renesas Technology Corp


5V551 Product details

FEATURES:
• Advanced, low power CMOS process
• 5V tolerant inputs
• Low skew outputs (<250ps)
• Input/Output frequency up to 160MHz
• Non-inverting output clock
• Ideal for networking clocks
• Operating voltage of 3V
• Output enable mode tri-states outputs
• Lead-free packaging available
• Available in SOIC package

DESCRIPTION:
The 5V551 clock driver is built using advanced CMOS technology. This
low skew clock driver offers 1:4 fanout. The fanout from a single input reduces
loading on the preceding driver and provides an efficient clock distribution
network. The 5V551 offers low capacitance inputs. Typical applications are
clock and signal distribution




Similar Part No. - 5V551

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V50009DCG IDT-5V50009DCG Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
Renesas Technology Corp
5V50009DCG RENESAS-5V50009DCG Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
040609
logo
Integrated Device Techn...
5V50009DCG8 IDT-5V50009DCG8 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
Renesas Technology Corp
5V50009DCG8 RENESAS-5V50009DCG8 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
040609
5V50013DCG RENESAS-5V50013DCG Datasheet
244Kb / 9P
LOW EMI CLOCK GENERATOR
072412
More results


Similar Description - 5V551

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
1 to 4 Clock Buffer
Revision 091200
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
1:4 Clock Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
1:4 Clock Fanout Buffer
logo
PhaseLink Corporation
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
1-to-4 Clock Distribution Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
1:4 CLOCK BUFFER
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814_08 Datasheet
429Kb / 9P
1:4 Clock Fanout Buffer
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C490094 PERICOM-PI6C490094 Datasheet
830Kb / 6P
1:4 24MHz Clock Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553_17 Datasheet
95Kb / 8P
1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com