Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2695SDX Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM2695SDX Datasheet PDF - National Semiconductor (TI)
Part # LM2695SDX
Download  LM2695SDX Download
File Size   623.63 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description High Voltage (30V, 1.25A) Step Down Switching Regulator

LM2695SDX Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2695SDX Datasheet PDF - National Semiconductor (TI)

Part # LM2695SDX
Download  LM2695SDX Click to download

File Size   623.63 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description High Voltage (30V, 1.25A) Step Down Switching Regulator

LM2695SDX Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2695SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2695SDX/NOPB TI-LM2695SDX/NOPB Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM2695SDX/NOPB TI2-LM2695SDX/NOPB Datasheet
710Kb / 26P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
REVISED APRIL 2013
LM2695SDX/NOPB.A TI2-LM2695SDX/NOPB.A Datasheet
710Kb / 26P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
REVISED APRIL 2013
LM2695SDX/NOPB.B TI2-LM2695SDX/NOPB.B Datasheet
710Kb / 26P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
REVISED APRIL 2013
More results


Similar Description - LM2695SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com