Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28127 Datasheet (PDF) - Monolithic Power Systems

MP28127 Datasheet PDF - Monolithic Power Systems
Part # MP28127
Download  MP28127 Download
File Size   420.03 Kbytes
Page   9 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.25A, 5.5V Synchronous Step-Down Switching Regulator

MP28127 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP28127 Datasheet PDF - Monolithic Power Systems

Part # MP28127
Download  MP28127 Click to download

File Size   420.03 Kbytes
Page   9 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.25A, 5.5V Synchronous Step-Down Switching Regulator

MP28127 Datasheet (HTML) - Monolithic Power Systems




Similar Part No. - MP28127

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28128 MPS-MP28128 Datasheet
444Kb / 11P
2.5A, 1.5MHz Synchronous Step-Down Converter
MP28128DQ MPS-MP28128DQ Datasheet
444Kb / 11P
2.5A, 1.5MHz Synchronous Step-Down Converter
More results


Similar Description - MP28127

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
2.5A, 5.5V Synchronous Step-Down Switching Regulator
MP38115 MPS-MP38115 Datasheet
273Kb / 10P
Ultra Low Voltage, 4A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Texas Instruments
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
High Voltage (50V, 1.25A) Step Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com