Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2120 Datasheet (PDF) - Monolithic Power Systems

MP2120 Datasheet PDF - Monolithic Power Systems
Part # MP2120
Download  MP2120 Download
File Size   367.77 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.5A, 5.5V Synchronous Step-Down Switching Regulator

MP2120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2120 Datasheet PDF - Monolithic Power Systems

Part # MP2120
Download  MP2120 Click to download

File Size   367.77 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.5A, 5.5V Synchronous Step-Down Switching Regulator

MP2120 Datasheet (HTML) - Monolithic Power Systems




Similar Part No. - MP2120

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2122 MPS-MP2122 Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2122GJ MPS-MP2122GJ Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2122GJ MPS-MP2122GJ Datasheet
207Kb / 4P
6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
MP2122GJ-P MPS-MP2122GJ-P Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
More results


Similar Description - MP2120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
130Kb / 10P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com