Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW1172 Datasheet (PDF) - Anpec Electronics Coropration

APW1172 Datasheet PDF - Anpec Electronics Coropration
Part # APW1172
Download  APW1172 Download
File Size   444.84 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 2.5A SWITCH STEP DOWN SWITCHING REGULATOR

APW1172 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW1172 Datasheet PDF - Anpec Electronics Coropration

Part # APW1172
Download  APW1172 Click to download

File Size   444.84 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 2.5A SWITCH STEP DOWN SWITCHING REGULATOR

APW1172 Datasheet (HTML) - Anpec Electronics Coropration


APW1172 Product details

General Description
The APW1172 is a step down monolithic power switching regulator with a switching current limit of 3.8A so it is able to deliver more than 2.5ADC current to the load depending on the application conditions. The output voltage can be set from 1.235V to 22V.The high current level is also achieved utilize an SO8 package with exposed pad frame. The type of package allowsto re-ducetheRth (j-amb) downtoapproximately 45°C/W.

Features
• 2.5A Internal Switch
• Operating Input Voltage from 4.8V to 22V
• 3.3V ±2% Reference Voltage
• Output Voltage : APW1172 - adjustable from 1.235V to 20V
• Low Dropout Operation: 100% Duty Cycle
• 250KHz Internally Fixed Frequency
• Voltage Feed-Forward
• Zero Load Current Operation
• Internal Current Limit
• Inhibit for Zero Current Consumption
• Synchronization
• Protection Against Feedback Disconnection
• Thermal Protection
• External Soft-Start
• Over-Voltage Protection
• Lead Free Available (RoHS Compliant)

Applications
• Consumer: STB, DVD, TV, VCR, Car Radio, LCD monitors
• Networking: XDSL, Modems, DC-DC Modules
• Computer: Printers, Audio/Graphic Cards, Optical Storage, Hard Disk Drive
• Industrial: Chargers, Car Battery DC-DC Converters




Similar Part No. - APW1172

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TR ANPEC-APW1173KAC-TR Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TRL ANPEC-APW1173KAC-TRL Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TU ANPEC-APW1173KAC-TU Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TUL ANPEC-APW1173KAC-TUL Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
More results


Similar Description - APW1172

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
130Kb / 10P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D Datasheet
826Kb / 13P
2.5A switch step down switching regulator for automotive applications
23-Oct-2007
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
STMicroelectronics
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Texas Instruments
LM25005 TI-LM25005_15 Datasheet
949Kb / 28P
LM25005 42V, 2.5A Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com