Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973D Datasheet (PDF) - STMicroelectronics

L5973D Datasheet PDF - STMicroelectronics
Part # L5973D
Download  L5973D Download
File Size   130.89 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5A SWITCH STEP DOWN SWITCHING REGULATOR

L5973D Datasheet (PDF)

Go To PDF Page Download Datasheet
L5973D Datasheet PDF - STMicroelectronics

Part # L5973D
Download  L5973D Click to download

File Size   130.89 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5A SWITCH STEP DOWN SWITCHING REGULATOR

L5973D Datasheet (HTML) - STMicroelectronics


L5973D Product details

Description

The L5973D is a step down monolithic power switching regulator with a minimum switch current limit of 2.5 A so it is able to deliver more than 2 A DC current to the load depending on the application conditions.

The output voltage can be set from 1.235 V to 35 V. The high current level is also achieved thanks to an SO8 package with exposed frame, that allows to reduce the Rth(j-amb) down to approximately 40 °C/W.



Features

■ 2.5 A internal switch

■ Operating input voltage from 4 V to 36 V

■ 3.3 V / (±2%) reference voltage

■ Output voltage adjustable from 1.235 V to 35

■ Low dropout operation: 100 % duty cycle

■ 250 kHz internally fixed frequency

■ Voltage feedforward

■ Zero load current operation

■ Internal current limiting

■ Inhibit for zero current consumption

■ Synchronization

■ Protection against feedback disconnection

■ Thermal shutdown



APPLICATIONS:

■CONSUMER: STB, DVD, TV, VCR,CAR RADIO, LCD MONITORS

■NETWORKING: XDSL, MODEMS,DC-DC MODULES

■COMPUTER: PRINTERS, AUDIO/GRAPHIC CARDS, OPTICAL STORAGE, HARD DISK DRIVE

■INDUSTRIAL: CHARGERS, CAR BATTERY DC-DC CONVERTERS




Similar Part No. - L5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
L5973D STMICROELECTRONICS-L5973D Datasheet
299Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
L5973D013TR STMICROELECTRONICS-L5973D013TR Datasheet
299Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
L5973D STMICROELECTRONICS-L5973D_08 Datasheet
299Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
More results


Similar Description - L5973D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D Datasheet
826Kb / 13P
2.5A switch step down switching regulator for automotive applications
23-Oct-2007
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
STMicroelectronics
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Texas Instruments
LM25005 TI-LM25005_15 Datasheet
949Kb / 28P
LM25005 42V, 2.5A Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com