Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P130-09QC Datasheet (PDF) - PhaseLink Corporation

P130-09QC Datasheet PDF - PhaseLink Corporation
Part # P130-09QC
Download  P130-09QC Download
File Size   237.05 Kbytes
Page   5 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description High Speed Translator Buffer to LVDS

P130-09QC Datasheet (PDF)

Go To PDF Page Download Datasheet
P130-09QC Datasheet PDF - PhaseLink Corporation

Part # P130-09QC
Download  P130-09QC Click to download

File Size   237.05 Kbytes
Page   5 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description High Speed Translator Buffer to LVDS

P130-09QC Datasheet (HTML) - PhaseLink Corporation


P130-09QC Product details

DESCRIPTION

The PLL130-09 is a low cost, high performance, high speed, buffer that reproduces any input frequency from DC to 1.0GHz. It provides a pair of differential LVDS output. Any input signal with at least 100mV swing can be used as reference signal. This chip is ideal for conversion from sine wave, TTL, CMOS, or PECL to LVDS.



FEATURES

• Differential LVDS output

• Single AC coupled input (min. 100mV swing).

• Input range from DC to 1.0 GHz.

• 2.5V to 3.3V operation.

• Available in 8-Pin SOIC or 3x3mm QFN.




Similar Part No. - P130-09QC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130-000-AUD4K6 TRIPPLITE-P130-000-AUD4K6 Datasheet
165Kb / 3P
4K HDMI Audio Extractor with TOSLINK, RCA and 3.5 mm Stereo Output, 7.1 Channel, HDCP 2.2, 4K x 2K @ 60 Hz
P130-000-AUDIO TRIPPLITE-P130-000-AUDIO Datasheet
493Kb / 2P
UHD 4K x 2K 30 Hz HDMI Audio De-Embedder Extractor
P130-000-COMP TRIPPLITE-P130-000-COMP Datasheet
492Kb / 2P
HDMI to Composite Video with Audio Converter
P130-000-DP TRIPPLITE-P130-000-DP Datasheet
503Kb / 2P
HDMI/DVI to DisplayPort Active Converter, HDMI to DisplayPort (F/F), 1920 x 1200 (1080p)
More results


Similar Description - P130-09QC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
High Speed Translator Buffer to CMOS
logo
PhaseLink Corporation
PLL130-05 PLL-PLL130-05 Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-07 PLL-PLL130-07 Datasheet
231Kb / 5P
High Speed Translator Buffer to CMOS (Selectable Drive)
PLL130-08 PLL-PLL130-08 Datasheet
240Kb / 5P
High Speed Translator Buffer to PECL
logo
Microchip Technology
PL130-07 MICROCHIP-PL130-07 Datasheet
294Kb / 16P
High Speed Translator Buffer to LVCMOS
06/23/16
logo
ON Semiconductor
NB6L14S ONSEMI-NB6L14S_11 Datasheet
241Kb / 11P
Differential Input to LVDS Fanout Buffer/Translator
October, 2011 ??Rev. 2
logo
Abracon Corporation
ABB3005 ABRACON-ABB3005 Datasheet
87Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
ABB3007 ABRACON-ABB3007 Datasheet
86Kb / 5P
High Speed Translator Buffer to CMOS (Selectable Drive)
ABB3008 ABRACON-ABB3008 Datasheet
92Kb / 5P
High Speed Translator Buffer to PECL
ABB3009 ABRACON-ABB3009 Datasheet
90Kb / 5P
High Speed Translator Buffer to LVDS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com