Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAN-40E1AX Datasheet (PDF) - Bel Fuse Inc.

SLAN-40E1AX Datasheet PDF - Bel Fuse Inc.
Part # SLAN-40E1AX
Download  SLAN-40E1AX Download
File Size   1305.46 Kbytes
Page   27 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 4.5 ??14.4 VDC Input

SLAN-40E1AX Datasheet (PDF)

Go To PDF Page Download Datasheet
SLAN-40E1AX Datasheet PDF - Bel Fuse Inc.

Part # SLAN-40E1AX
Download  SLAN-40E1AX Click to download

File Size   1305.46 Kbytes
Page   27 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 4.5 ??14.4 VDC Input

SLAN-40E1AX Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - SLAN-40E1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLAN-03D2A0 BEL-SLAN-03D2A0 Datasheet
705Kb / 25P
NON-ISOLATED DC/DC CONVERTERS
SLAN-06D2A0 BEL-SLAN-06D2A0 Datasheet
1Mb / 25P
NON-ISOLATED DC/DC CONVERTERS
SLAN-06D2A0 BEL-SLAN-06D2A0 Datasheet
1Mb / 25P
3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /6 A Outputs
SLAN-06D2AL BEL-SLAN-06D2AL Datasheet
1Mb / 25P
3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /6 A Outputs
SLAN-06D2AX BEL-SLAN-06D2AX Datasheet
1Mb / 25P
3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /6 A Outputs
More results


Similar Description - SLAN-40E1AX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VVD2 VECTRON-VVD2 Datasheet
98Kb / 2P
HCMOS 9.6 x 14.4 x 4.5 VCXO
logo
Bel Fuse Inc.
SLAN-12D2AX BEL-SLAN-12D2AX Datasheet
1Mb / 26P
3 Vdc - 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
SLAN-06D2AX BEL-SLAN-06D2AX Datasheet
1Mb / 25P
3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /6 A Outputs
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
SLDN-03D1AX BEL-SLDN-03D1AX Datasheet
1Mb / 44P
3 VDC ??14.4 VDC Input,
SLDN-06D1AX BEL-SLDN-06D1AX Datasheet
1Mb / 53P
3-14.4 VDC Input / 0.45 VDC 6 A Output
SLDN-40E1AX BEL-SLDN-40E1AX Datasheet
1Mb / 47P
Wide Input Voltage Range (4.5 - 14.4 VDC)
SRPE-30E1A0 BEL-SRPE-30E1A0 Datasheet
844Kb / 19P
4.5 ??13.2 VDC Input
VRAE-03E1A0 BEL-VRAE-03E1A0 Datasheet
870Kb / 11P
Wide Input Voltage Range 4.5 VDC ??13.8 VDC
VRAE-06E1A0 BEL-VRAE-06E1A0 Datasheet
867Kb / 10P
Wide Input Voltage Range 4.5 VDC ??13.8 VDC
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com