Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDN-40E1AX Datasheet (PDF) - Bel Fuse Inc.

SLDN-40E1AX Datasheet PDF - Bel Fuse Inc.
Part # SLDN-40E1AX
Download  SLDN-40E1AX Download
File Size   1736.74 Kbytes
Page   47 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Wide Input Voltage Range (4.5 - 14.4 VDC)

SLDN-40E1AX Datasheet (PDF)

Go To PDF Page Download Datasheet
SLDN-40E1AX Datasheet PDF - Bel Fuse Inc.

Part # SLDN-40E1AX
Download  SLDN-40E1AX Click to download

File Size   1736.74 Kbytes
Page   47 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Wide Input Voltage Range (4.5 - 14.4 VDC)

SLDN-40E1AX Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - SLDN-40E1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLDN-03D1A0 BEL-SLDN-03D1A0 Datasheet
1Mb / 44P
3 VDC ??14.4 VDC Input,
SLDN-03D1AL BEL-SLDN-03D1AL Datasheet
1Mb / 44P
3 VDC ??14.4 VDC Input,
SLDN-03D1AX BEL-SLDN-03D1AX Datasheet
1Mb / 44P
3 VDC ??14.4 VDC Input,
SLDN-06D1A0 BEL-SLDN-06D1A0 Datasheet
1Mb / 53P
3-14.4 VDC Input / 0.45 VDC 6 A Output
SLDN-06D1AL BEL-SLDN-06D1AL Datasheet
1Mb / 53P
3-14.4 VDC Input / 0.45 VDC 6 A Output
More results


Similar Description - SLDN-40E1AX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
logo
Bel Fuse Inc.
PES2200-12-080XD BEL-PES2200-12-080XD Datasheet
1Mb / 28P
Wide input voltage range: -40 to -75 VDC
SLAN-40E1AX BEL-SLAN-40E1AX Datasheet
1Mb / 27P
4.5 ??14.4 VDC Input
SLDN-03D1AX BEL-SLDN-03D1AX Datasheet
1Mb / 44P
3 VDC ??14.4 VDC Input,
VRAE-03E1A0 BEL-VRAE-03E1A0 Datasheet
870Kb / 11P
Wide Input Voltage Range 4.5 VDC ??13.8 VDC
VRAE-06E1A0 BEL-VRAE-06E1A0 Datasheet
867Kb / 10P
Wide Input Voltage Range 4.5 VDC ??13.8 VDC
XRAE-01E1A0 BEL-XRAE-01E1A0 Datasheet
1,007Kb / 12P
Wide Input Voltage Range 5.5 VDC ??13.8 VDC
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
Wide input voltage range: -40 to -72 VDC
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com