Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AGI Datasheet (PDF) - Integrated Circuit Systems

ICS1893AGI Datasheet PDF - Integrated Circuit Systems
Part # ICS1893AGI
Download  ICS1893AGI Download
File Size   1370.77 Kbytes
Page   135 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM

ICS1893AGI Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1893AGI Datasheet PDF - Integrated Circuit Systems

Part # ICS1893AGI
Download  ICS1893AGI Click to download

File Size   1370.77 Kbytes
Page   135 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM

ICS1893AGI Datasheet (HTML) - Integrated Circuit Systems


ICS1893AGI Product details

General
The ICS1893AG is a re-packaged version of the ICS1893AF in a 56-lead TSSOP 240 mil package. The ICS1893AG is a fully integrated, Physical Layer device (PHY) that is compliant with both the 10Base-T and 100Base-TX CSMA/CD Ethernet Standard, ISO/IEC 8802-3. The ICS1893AG uses the same proven silicon as the ICS1893AF but offers a smaller form factor solution to users where physical package size is important.

Features
• Single 3.3 V ±10% power supply
• Supports category 5 cables with attenuation in excess of 24dB at 100 MHz across a temperature range from 0°C to +70°C. Industrial temperature version is also available.
• DSP-based baseline wander correction to virtually eliminate killer packets
• Low-power, 0.35-micron CMOS (typically 400 mW)
• Single-chip, fully integrated PHY provides PCS, PMA, PMD, and AUTONEG sublayers of IEEE standard
• 10Base-T and 100Base-TX IEEE 802.3 compliant
• Clock or crystal supported
• Media Independent Interface (MII) supported
• Managed or Unmanaged Applications
• 10M or 100M Half and Full Duplex Modes
• Auto-Negotiation with Next Page. Parallel detection for Legacy products
• Fully integrated, DSP-based PMD includes:
    – Adaptive equalization and baseline wander correction
    – Transmit wave shaping and stream cipher scrambler
    – MLT-3 encoder and NRZ/NRZI encoder
• Loopback mode for Diagnostic Functions
• Small footprint 56-pin 240 mil TSSOP package.




Similar Part No. - ICS1893AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893AF ICST-ICS1893AF Datasheet
170Kb / 12P
3.3V 10Base-T/100Base-TX Integrated PHYceiverTM
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
ICS1893AFILF RENESAS-ICS1893AFILF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
ICS1893AFILFT RENESAS-ICS1893AFILFT Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
logo
Integrated Device Techn...
ICS1893AFLF IDT-ICS1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
More results


Similar Description - ICS1893AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1890 ICST-ICS1890 Datasheet
1Mb / 24P
10Base-T/100Base-TX Integrated PHYceiver-TM
RevG 10/21/97
ICS1893 ICST-ICS1893 Datasheet
983Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev C 6/6/00
ICS1893BF ICST-ICS1893BF Datasheet
1Mb / 133P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893BRIEF ICST-ICS1893BRIEF Datasheet
389Kb / 7P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev B 9/10/99
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev 1/07
logo
Integrated Device Techn...
ICS1893CF IDT-ICS1893CF Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893_09 Datasheet
948Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev D 8/11/09
logo
Integrated Device Techn...
1893AFLF IDT-1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com