Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet (PDF) - Integrated Circuit Systems

ICS1893AF Datasheet PDF - Integrated Circuit Systems
Part # ICS1893AF
Download  ICS1893AF Download
File Size   170.22 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3V 10Base-T/100Base-TX Integrated PHYceiverTM

ICS1893AF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1893AF Datasheet PDF - Integrated Circuit Systems

Part # ICS1893AF
Download  ICS1893AF Click to download

File Size   170.22 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3V 10Base-T/100Base-TX Integrated PHYceiverTM

ICS1893AF Datasheet (HTML) - Integrated Circuit Systems


ICS1893AF Product details

General
The ICS1893AF is a lower cost, re-packaged version of the ICS1893Y-10. The ICS1893AF is a fully integrated, Physical Layer device (PHY) that is compliant with both the 10Base-T and 100Base-TX CSMA/CD Ethernet Standard, ISO/IEC 8802-3. The ICS1893AF uses the same proven silicon as the ICS1893Y-10 but offers a lower cost solution by using a lower cost 300 mil. 48-lead SSOP package.

Features
• Single 3.3V power supply
• Supports category 5 cables with attenuation in excess of 24dB at 100 MHz.
• DSP-based baseline wander correction to virtually eliminate killer packets
• Low-power, 0.35-micron CMOS (typically 400 mW)
• Single-chip, fully integrated PHY provides PCS, PMA, PMD, and AUTONEG sublayers of IEEE standard
• 10Base-T and 100Base-TX IEEE 802.3 compliant
• Clock or crystal supported
• Media Independent Interface (MII) supported
• Managed or Unmanaged Applications
• 10M or 100M Half and Full Duplex Modes
• Auto-Negotiation with Parallel detection for Legacy products
• Fully integrated, DSP-based PMD includes:
    – Adaptive equalization and baseline wander correction
    – Transmit wave shaping and stream cipher scrambler
    – MLT-3 encoder and NRZ/NRZI encoder
• Loopback mode for Diagnostic Functions
• Small footprint 48-pin 300 mil SSOP package. Available in Industrial Temperature and Lead Free packaging.




Similar Part No. - ICS1893AF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
ICS1893AFILF RENESAS-ICS1893AFILF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
ICS1893AFILFT RENESAS-ICS1893AFILFT Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
logo
Integrated Device Techn...
ICS1893AFLF IDT-ICS1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893AFLF RENESAS-ICS1893AFLF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
More results


Similar Description - ICS1893AF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1890 ICST-ICS1890 Datasheet
1Mb / 24P
10Base-T/100Base-TX Integrated PHYceiver-TM
RevG 10/21/97
ICS1892 ICST-ICS1892 Datasheet
816Kb / 148P
10Base-T/100Base-TX Integrated PHYceiver
Rev.
ICS1893BF ICST-ICS1893BF Datasheet
1Mb / 133P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893BY-10 ICST-ICS1893BY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev A 3/24/04
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev 1/07
ICS1893CF ICST-ICS1893CF Datasheet
1Mb / 126P
3.3-V 10Base-T/100Base-TX Integrated PHYceive
Rev.
logo
Integrated Device Techn...
ICS1893CF IDT-ICS1893CF Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893_09 Datasheet
948Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev D 8/11/09
logo
Integrated Device Techn...
ICS1893AFLF IDT-ICS1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com