Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS1893AF
Description  3.3V 10Base-T/100Base-TX Integrated PHYceiverTM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS1893AF Datasheet HTML 1Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 2Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 3Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 4Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 5Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 6Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 7Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 8Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Product Brief
ICS1893AF
Page 2
Document Revision: 5 April 2002
Typical ICS1893AF Applications
The ICS1893AF is configured for the majority of single Phy Ethernet applications. These applications include
Network Interface Cards, PC Motherboards, Printers, ACR Riser cards, Set top Boxes, and Game machines.
Virtually any single Phy application utilizing the standard IEEE MII interface can use the ICS1893AF. The
ICS1893AF offers the same high performance at a lower cost.
ICS1893AF / ICS1893Y-10 Feature Set Comparison Table
The following bullet items describe ICS1893AF pin differences and how they affect the
application:
The ICS1893AF is hardwired for the predominate board application used in the vast majority of single
Phy applications
o
Hardwired for Node configuration (NOD/REP pin removed, tied internally to VSS). Node
configuration enables the 10M SQE test default setting and causes CRS to be asserted for either
transmit or receive activity in half duplex, or for just receive activity when in full duplex.
o
Hardwired for Software mode (HW/SW pin removed, tied internally to VDD).
o
Hardwired for MII interface only. (SI/MII pin removed, tied internally to VDD) In this configuration
the 10baseT serial and 100baseTX 5 bit symbol interfaces are NOT supported. Applications
requiring these interfaces should use ICS1893Y-10.
In the software control configuration the 10/100, DPXSEL and ANSEL pins are outputs.
o
DPXEL pin is not brought out.
o
ANSEL pin is not brought out.
o
10/100 pin is brought out to indicate 100M operation. Some applications use this output to drive
an LED indicating 100M operation.
Feature
ICS1893AF
ICS1893Y-10
Comment
Package Type
SSOP 300mil
TQFP 10x10x1.4
Pin Count
48
64
NOD/REP
NOD/REP pin removed
tied internally to VSS
NOD/REP
ICS1893AF configured in NODE mode
only.
HW/SW
HW/SW pin removed
tied internally to VDD
HW/SW
ICS1893AF configured in software
mode only.
MII/SI
SI/MII pin removed
tied internally to VDD
SI/MII
ICS1893AF supports only MII interface
to MAC.
10/100
10/100 pin is output
only
10/100
The 10/100 pin in software mode is an
output indicateting 100M operation
when high
DPXSEL
DPXSEL pin removed
DPXSEL
FD/HD information is available in the
Quick Poll Status Register Reg 17
ANSEL
ANSEL pin removed
ANSEL
ANSEL in software mode is an output.
This information is available in control
Reg 0, Default setting is A-N enabled
LSTA
LSTA pin removed
LSTA
Link status available on P2LI led
LOCK
LOCK pin removed
LOCK
Link status available on P2LI led
TXER
TXER pin removed
tied internally to VSS
TXER
TXER function is still available by using
control Reg 16 bit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com