Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS1893AF
Description  3.3V 10Base-T/100Base-TX Integrated PHYceiverTM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AF Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS1893AF Datasheet HTML 1Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 2Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 3Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 4Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 5Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 6Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 7Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 8Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Product Brief
ICS1893AF
Page 4
Document Revision: 5 April 2002
ICS1893AF Pin Diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
POAC
VSS
P1CL
P2LI
VSS
P3TD
VDD
P4RD
10/100
TP_CT
VSS
TP_TXP
TP_TXN
VDD
10TCSR
100TCSR
VSS
TP_RXP
TP_RXN
VDD
VSS
RESET_N
VSS
VDD
VDD
REF_IN
REF_OUT
VDD
CRS
COL
TXD3
TXD2
TXD1
TXD0
TXEN
TXCLK
VSS
RXER
RXCLK
VDD
RXDV
RXD0
RXD1
RXD2
RXD3
MDC
MDIO
VSS
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1893AF
1893AF
48L SSOP
ICS1893AF Pin Descriptions
Transformer Interface Pins
Signal Name
Pin No.
Signal Description
TP_TXP
12
Twisted Pair Transmit Positive
TP_TXN
13
Twisted Pair Transmit Negative
TP_CT
10
Twisted Pair Center Tap
TP_RXP
18
Twisted Pair Receive Positive
TP_RXN
19
Twisted Pair Receive Negative
Multifunction Pins: PHY Address and LED Pins
Signal Name
Pin No.
Signal Description
P4RD
8
Bit 4 of PHY Address, PHYAD[4], OR Receive LED
P3TD
6
Bit 3 of PHY Address, PHYAD[3], OR Transmit LED
P2LI
4
Bit 2 of PHY Address, PHYAD[2], OR Link Integrity LED
P1CL
3
Bit 1 of PHY Address, PHYAD[1], OR Collision LED
P0AC
1
Bit 0 of PHY Address, PHYAD[0], OR Activity LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com