Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS1893AF
Description  3.3V 10Base-T/100Base-TX Integrated PHYceiverTM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AF Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS1893AF Datasheet HTML 1Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 2Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 3Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 4Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 5Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 6Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 7Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 8Page - Integrated Circuit Systems ICS1893AF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Product Brief
ICS1893AF
Page 5
Document Revision: 5 April 2002
ICS1893AF Pin Descriptions (Cont’d.)
Configuration Pins
Signal Name
Pin No
Signal Description
10/100
9
Output Indication , High=100baseTX Operation
100TCSR
16
100M Transmit Current Set Resistors (see Figure)
10TCSR
15
10M Transmit Current Set Resistor
REFIN
47
Frequency Reference Input: 25 MHz Input Clock or Crystal
REFOUT
46
Frequency Reference Output for Crystal
RESETn
22
System Reset (active low)
MAC/Repeater Interface Pins
Signal Name
Pin No.
Signal Description
MDIO
26
Management Data Input/Output
MDC
27
Management Data Clock
RXD3
28
Receive Data 3
RXD2
29
Receive Data 2
RXD1
30
Receive Data 1
RXD0
31
Receive Data 0
RXDV
32
Receive Data Valid
RXCLK
34
Receive Clock
RXER
35
Receive Error
TXCLK
37
Transmit Clock
TXEN
38
Transmit Enable
TXD0
39
Transmit Data 0
TXD1
40
Transmit Data 1
TXD2
41
Transmit Data 2
TXD3
42
Transmit Data 3
COL
43
Collision Detect
CRS
44
Carrier Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com