Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW8185L Datasheet (PDF) - Motorola, Inc

MHW8185L Datasheet PDF - Motorola, Inc
Part # MHW8185L
Download  MHW8185L Download
File Size   274.48 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description The RF Line CATV AMPLIFIER MODULE

MHW8185L Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW8185L Datasheet PDF - Motorola, Inc

Part # MHW8185L
Download  MHW8185L Click to download

File Size   274.48 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description The RF Line CATV AMPLIFIER MODULE

MHW8185L Datasheet (HTML) - Motorola, Inc


MHW8185L Product details

The RF Line
CATV Amplifier Module

Description
• 24 Vdc Supply, 40 to 870 MHz, CATV Forward Power Doubler Amplifier

Features
• Specified for 77–, 110– and 128–Channel Loading
• Lower DC Current Requirements
• Excellent Distortion Performance
• Excellent DC Current Stability over Temperature
• Silicon Bipolar Transistor Technology
• Unconditionally Stable Under All Load Conditions

Applications
• CATV Systems Operating in the 40 to 870 MHz Frequency Range
• Output Stage Amplifier in Optical Nodes, Line Extenders and Trunk Distribution Amplifiers for CATV Systems
• Driver Amplifier in Linear General Purpose Applications
• Amplifiers Requiring Lower Power Dissipation While Maintaining Excellent Output Performance




Similar Part No. - MHW8185L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW8185 MOTOROLA-MHW8185 Datasheet
55Kb / 2P
19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8185R MOTOROLA-MHW8185R Datasheet
55Kb / 2P
19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
More results


Similar Description - MHW8185L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1254LA MOTOROLA-MHW1254LA Datasheet
274Kb / 4P
The RF Line CATV AMPLIFIER MODULE
MFF224B MOTOROLA-MFF224B Datasheet
71Kb / 2P
The RF Line 550MHz CATV Feedforward Amplifer
MHW8205L MOTOROLA-MHW8205L Datasheet
108Kb / 4P
The RF Line CATV Amplifier Module
MHW9242A MOTOROLA-MHW9242A Datasheet
113Kb / 4P
The RF Line 152-Channel(1000Mhz) CATV Line Extender Amplifier
MHW7222B MOTOROLA-MHW7222B Datasheet
116Kb / 4P
The RF Line CATV Amplifier Module
logo
RFHIC
2F8729D RFHIC-2F8729D Datasheet
228Kb / 4P
CATV Line Amplifier
2F8719DS RFHIC-2F8719DS Datasheet
164Kb / 3P
CATV Line Amplifier
2F8723P RFHIC-2F8723P Datasheet
163Kb / 3P
CATV Line Amplifier
logo
NXP Semiconductors
CA901 NXP-CA901 Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
CA901A NXP-CA901A Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com