Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW8185R Datasheet (PDF) - Motorola, Inc

MHW8185R Datasheet PDF - Motorola, Inc
Part # MHW8185R
Download  MHW8185R Download
File Size   55.11 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER

MHW8185R Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW8185R Datasheet PDF - Motorola, Inc

Part # MHW8185R
Download  MHW8185R Click to download

File Size   55.11 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER

MHW8185R Datasheet (HTML) - Motorola, Inc


MHW8185R Product details

The RF Line
High Output Mirror Power Doubler 860 MHz CATV Amplifier

• Specified for 77, 110 and 128–Channel Performance
• Broadband Power Gain - @ f = 860 MHz
    Gp = 19.4 dB (Typ)
• Broadband Noise Figure
    NF = 7 dB (Typ) @ 860 MHz
• Pin Configuration Mirrors that of MHW8185
• Typical CTB @ 860 MHz under 128–Channel FLAT Loading = –67 dBc
• All Gold Metallization
• 7 GHz fT Ion–Implanted Transistors




Similar Part No. - MHW8185R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW8185 MOTOROLA-MHW8185 Datasheet
55Kb / 2P
19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8185D MOTOROLA-MHW8185D Datasheet
274Kb / 4P
The RF Line CATV AMPLIFIER MODULE
MHW8185L MOTOROLA-MHW8185L Datasheet
274Kb / 4P
The RF Line CATV AMPLIFIER MODULE
More results


Similar Description - MHW8185R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW8182A MOTOROLA-MHW8182A Datasheet
53Kb / 2P
128-Channel 860 MHz CATV Amplifier
MHW8185 MOTOROLA-MHW8185 Datasheet
55Kb / 2P
19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8205 MOTOROLA-MHW8205 Datasheet
55Kb / 2P
20.2 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242 MOTOROLA-MHW8242 Datasheet
46Kb / 2P
24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242A MOTOROLA-MHW8242A Datasheet
54Kb / 2P
24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8272 MOTOROLA-MHW8272 Datasheet
60Kb / 2P
27 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8272A MOTOROLA-MHW8272A Datasheet
54Kb / 2P
27 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8292 MOTOROLA-MHW8292 Datasheet
60Kb / 2P
29 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
logo
Freescale Semiconductor...
MHW9182CN FREESCALE-MHW9182CN Datasheet
71Kb / 5P
1000 MHz 19.4 dB GAIN 152-CHANNEL CATV AMPLIFIER MODULE
MHW7185CN FREESCALE-MHW7185CN Datasheet
72Kb / 4P
750 MHz CATV 19.4 dB GAIN 110-CHANNEL Amplifier Module
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com