Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW8292 Datasheet (PDF) - Motorola, Inc

MHW8292 Datasheet PDF - Motorola, Inc
Part # MHW8292
Download  MHW8292 Download
File Size   60.9 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 29 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER

MHW8292 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW8292 Datasheet PDF - Motorola, Inc

Part # MHW8292
Download  MHW8292 Click to download

File Size   60.9 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 29 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER

MHW8292 Datasheet (HTML) - Motorola, Inc


MHW8292 Product details

The RF Line
128-Channel (860 MHz) CATV
Line Extender Amplifier

• Specified for 128–Channel Performance
• Broadband Power Gain ―  @ f = 40–860 MHz
   Gp = 29 dB (Typ)
• Broadband Noise Figure
   NF = 6 dB (Max) @ 860 MHz
• Superior Gain, Return Loss and DC Current Stability with Temperature
• All Gold Metallization
• 7 GHz fT Ion–Implanted Transistors




Similar Part No. - MHW8292

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW8202B MOTOROLA-MHW8202B Datasheet
104Kb / 4P
CATV AMPLIFIER MODULE
MHW8205 MOTOROLA-MHW8205 Datasheet
55Kb / 2P
20.2 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8205L MOTOROLA-MHW8205L Datasheet
108Kb / 4P
The RF Line CATV Amplifier Module
MHW8207A MOTOROLA-MHW8207A Datasheet
244Kb / 4P
Gallium Arsenide CATV Amplifier Module
MHW8222 MOTOROLA-MHW8222 Datasheet
48Kb / 2P
22 dB GAIN 750/860 MHz 110/128 CHANNEL CATV AMPLIFIERS
More results


Similar Description - MHW8292

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW7222 MOTOROLA-MHW7222 Datasheet
48Kb / 2P
22 dB GAIN 750/860 MHz 110/128 CHANNEL CATV AMPLIFIERS
MHW7292 MOTOROLA-MHW7292 Datasheet
74Kb / 2P
29 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
MHW8182A MOTOROLA-MHW8182A Datasheet
53Kb / 2P
128-Channel 860 MHz CATV Amplifier
MHW8185 MOTOROLA-MHW8185 Datasheet
55Kb / 2P
19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8185R MOTOROLA-MHW8185R Datasheet
55Kb / 2P
19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8205 MOTOROLA-MHW8205 Datasheet
55Kb / 2P
20.2 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242 MOTOROLA-MHW8242 Datasheet
46Kb / 2P
24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242A MOTOROLA-MHW8242A Datasheet
54Kb / 2P
24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8272 MOTOROLA-MHW8272 Datasheet
60Kb / 2P
27 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8272A MOTOROLA-MHW8272A Datasheet
54Kb / 2P
27 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com