Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW8222 Datasheet (PDF) - Motorola, Inc

MHW8222 Datasheet PDF - Motorola, Inc
Part # MHW8222
Download  MHW8222 Download
File Size   48.93 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 22 dB GAIN 750/860 MHz 110/128 CHANNEL CATV AMPLIFIERS

MHW8222 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW8222 Datasheet PDF - Motorola, Inc

Part # MHW8222
Download  MHW8222 Click to download

File Size   48.93 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 22 dB GAIN 750/860 MHz 110/128 CHANNEL CATV AMPLIFIERS

MHW8222 Datasheet (HTML) - Motorola, Inc


MHW8222 Product details

The RF Line
110-Channel (750 MHz) and 128-Channel (860 MHz) CATV Amplifiers

The MHW7222 and MHW8222 are designed specifically for up to 860 MHz CATV systems as amplifiers in trunk and line extender applications. These amplifiers feature ion–implanted, arsenic emitter transistors and an all gold metallization system.

• Specified for 110/128–Channel Performance
• Broadband Power Gain — @ f = 40–860 MHz
    Gp = 22 dB Typ @ 750 and 860 MHz
• Broadband Noise Figure
    NF = 5.5 dB Typ — MHW7222
             6.4 dB Typ — MHW8222
• Superior Gain, Return Loss and DC Current Stability with Temperature
• All Gold Metallization




Similar Part No. - MHW8222

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW8222B FREESCALE-MHW8222B Datasheet
69Kb / 4P
CATV Amplifier Module
MHW8222BN FREESCALE-MHW8222BN Datasheet
72Kb / 4P
CATV Amplifier Module
More results


Similar Description - MHW8222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW7182 MOTOROLA-MHW7182 Datasheet
51Kb / 2P
18 dB GAIN 750/860/1000 MHz 110/128/152 CHANNEL CATV AMPLIFIERS
MHW7222A MOTOROLA-MHW7222A Datasheet
53Kb / 2P
22 dB GAIN 750 MHz 110 CHANNEL CATV AMPLIFIER
MHW8185 MOTOROLA-MHW8185 Datasheet
55Kb / 2P
19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8185R MOTOROLA-MHW8185R Datasheet
55Kb / 2P
19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8205 MOTOROLA-MHW8205 Datasheet
55Kb / 2P
20.2 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242 MOTOROLA-MHW8242 Datasheet
46Kb / 2P
24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242A MOTOROLA-MHW8242A Datasheet
54Kb / 2P
24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8272 MOTOROLA-MHW8272 Datasheet
60Kb / 2P
27 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8272A MOTOROLA-MHW8272A Datasheet
54Kb / 2P
27 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8292 MOTOROLA-MHW8292 Datasheet
60Kb / 2P
29 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com