Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS525-02 Datasheet (PDF) - Integrated Circuit Systems

ICS525-02 Datasheet PDF - Integrated Circuit Systems
Part # ICS525-02
Download  ICS525-02 Download
File Size   181.73 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description User Configurable Clock

ICS525-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS525-02 Datasheet PDF - Integrated Circuit Systems

Part # ICS525-02
Download  ICS525-02 Click to download

File Size   181.73 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description User Configurable Clock

ICS525-02 Datasheet (HTML) - Integrated Circuit Systems


ICS525-02 Product details

Description
The ICS525-01/02/11/12 are the most flexible way to generate a high-quality, high-accuracy, high-frequency clock output from an inexpensive crystal or clock input.

Features
• Packaged as 28-pin SSOP (150 mil body)
• Industrial and commercial versions available in Pb
   (lead) free package
• User determines the output frequency by setting all
   internal dividers
• Eliminates need for custom oscillators
• No software needed
• Online calculator determines register settings
• Pull-ups on all select inputs
• Input crystal frequency of 5 - 27 MHz
• Input clock frequency of 2 - 50 MHz
• Very low jitter
• Duty cycle of 45/55 up to 200 MHz
• Operating voltage of 3.0 V or 5.5 V
• Ideal for oscillator replacement
• Industrial temperature version available
• For Zero Delay, refer to the ICS527




Similar Part No. - ICS525-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
logo
Integrated Device Techn...
ICS525-0102 IDT-ICS525-0102 Datasheet
104Kb / 9P
Packaged as 28-pin SSOP
logo
Integrated Circuit Syst...
ICS525-01R ICST-ICS525-01R Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS525-01RI ICST-ICS525-01RI Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS525-01RIT ICST-ICS525-01RIT Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
More results


Similar Description - ICS525-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
ICS5250708 ICST-ICS5250708 Datasheet
187Kb / 9P
LVCMOS User Configurable Clock
Revision 101105
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
OSCaR-TM User Configurable PECL Clock
Revision 091802
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
USER CONFIGURABLE CLOCK
AUGUST 23, 2021
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com