Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXLD02SI Datasheet (PDF) - IXYS Corporation

IXLD02SI Datasheet PDF - IXYS Corporation
Part # IXLD02SI
Download  IXLD02SI Download
File Size   164.75 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Differential 2A Ultra Fast Laser Diode Driver

IXLD02SI Datasheet (PDF)

Go To PDF Page Download Datasheet
IXLD02SI Datasheet PDF - IXYS Corporation

Part # IXLD02SI
Download  IXLD02SI Click to download

File Size   164.75 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Differential 2A Ultra Fast Laser Diode Driver

IXLD02SI Datasheet (HTML) - IXYS Corporation


IXLD02SI Product details

General Description
IXLD02SI Data Sheet
Figure 1 - Functional Diagram
The IXLD02 is an ultra high-speed differential laser diode driver designed specifically to drive single junction laser diodes. Complementary sink outputs are provided via a low inductance multi-pin topology. These two signals make their transitions at the same time with transition times in the picoseconds. This technique provides the highest possible slew rate across the diode.
These performance features are combined with frequency agility to a maximum operating frequency of 17MHz, a minimum pulse width of <1.5ns and rise and fall times of approximately 600ps. In addition, the pulse width and the current programming can be modulated in real time to >10MHz. The IXLD02 is assembled in a high power SO-28 surface mount package.
For additional operational instructions, see the IXLD02 Evaluation Board application note on the IXYSRF wesite at www.ixysrf.com.

Features
• Ultra Fast Pulsed Current Sink
• 17MHz Max Operating Frequency
• <1.5ns Minimum Pulse Width
• 600ps Rise and Fall Times
• Pulse Width and Frequency Agile
• Real Time Electronic Programming of
   Current and Pulse Width
• Low Inductance High Power Package
   Design
• Simultaneous Frequency, Pulse Width
   and Amplitude Modulation

Applications
• High Speed Laser Diode Drivers
• Low Power Ultra Fast Line Drivers
• Differential Power Drivers
• Pulse Generators
• High Speed High Frequency Modulators




Similar Part No. - IXLD02SI

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
IXLDP ASHCROFT-IXLDP Datasheet
545Kb / 4P
IXLdp Ultra-Low Differential Pressure Transducer
RevC_10-24-22
More results


Similar Description - IXLD02SI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
LASER-DIODE DRIVER
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
3/05-Revision 0
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
Laser Diode Driver
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
Laser Diode Driver
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com