Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601-25 Datasheet (PDF) - Integrated Circuit Systems

ICS601-25 Datasheet PDF - Integrated Circuit Systems
Part # ICS601-25
Download  ICS601-25 Download
File Size   143.95 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER

ICS601-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS601-25 Datasheet PDF - Integrated Circuit Systems

Part # ICS601-25
Download  ICS601-25 Click to download

File Size   143.95 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER

ICS601-25 Datasheet (HTML) - Integrated Circuit Systems


ICS601-25 Product details

Description
The ICS601-25 is a low-cost, low phase noise, high performance clock synthesizer for applications which require low phase noise, low jitter, and low skew fanout. It is ICS’ lowest phase noise multiplier, and also the lowest CMOS part in the industry. Using ICS’ patented analong and digital Phase Locked Loop (PLL) techniques, the chip accepts a 10-27 MHz crystal or clock input, and produces output clocks up to 156 MHz.

Features
• Packaged in 20-pin SSOP
• Uses fundamental 10 - 27 MHz crystal or clock
• Output clocks up to 156 MHz
• Low phase noise: -132 dBc/Hz at 10 kHz
• Five low skew (<250 ps) outputs
• Low jitter - 18 ps one sigma at 125 MHz
• Full swing CMOS outputs with 25 mA drive capability at TTL levels
• Powerdown mode lowers power consumption
• Advanced, low power, sub-micron CMOS process
• Industrial temperature version available
• Available in Pb (lead) free package
• Operating voltage of 3.3 V




Similar Part No. - ICS601-25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS601-25 RENESAS-ICS601-25 Datasheet
337Kb / 7P
LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
051310
More results


Similar Description - ICS601-25

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
121412
ICS601-25 RENESAS-ICS601-25 Datasheet
337Kb / 7P
LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com