Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601-25 Datasheet (PDF) - Renesas Technology Corp

ICS601-25 Datasheet PDF - Renesas Technology Corp
Part # ICS601-25
Download  ICS601-25 Download
File Size   337.72 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER

ICS601-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS601-25 Datasheet PDF - Renesas Technology Corp

Part # ICS601-25
Download  ICS601-25 Click to download

File Size   337.72 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER

ICS601-25 Datasheet (HTML) - Renesas Technology Corp


ICS601-25 Product details

Features
• Packaged in 20-pin SSOP
• Uses fundamental 10 - 27 MHz crystal or clock
• Output clocks up to 156 MHz
• Low phase noise: -132 dBc/Hz at 10 kHz
• Five low skew (<250 ps) outputs
• Low jitter - 18 ps one sigma at 125 MHz
• Full swing CMOS outputs with 25 mA drive capability at
TTL levels
• Powerdown mode lowers power consumption
• Advanced, low power, sub-micron CMOS process
• Industrial temperature version available
• Pb (lead) free package
• Operating voltage of 3.3 V




Similar Part No. - ICS601-25

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-25 ICST-ICS601-25 Datasheet
143Kb / 5P
LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
More results


Similar Description - ICS601-25

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-25 ICST-ICS601-25 Datasheet
143Kb / 5P
LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
121412
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com