Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-22 Datasheet (PDF) - Integrated Circuit Systems

ICS650-22 Datasheet PDF - Integrated Circuit Systems
Part # ICS650-22
Download  ICS650-22 Download
File Size   135.22 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PVR and STB Clock Source

ICS650-22 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS650-22 Datasheet PDF - Integrated Circuit Systems

Part # ICS650-22
Download  ICS650-22 Click to download

File Size   135.22 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PVR and STB Clock Source

ICS650-22 Datasheet (HTML) - Integrated Circuit Systems


ICS650-22 Product details

Description
The ICS650-22 is a low-cost, low-jitter, high-performance clock synthesizer for personal video recorders (PVR) and set-top box (STB) applications. Using analog Phase-Locked Loop (PLL) techniques, the device accepts a 27 MHz crystal input to produce multiple clocks for personal video recorder applications.

Features
• Packaged in 20-pin narrow SSOP (QSOP)
• Available in Pb (lead) free package
• 27 MHz fundamental crystal or clock input
• Zero ppm synthesis error in all clocks
• Low skew 33.33 MHz clock outputs
• Output enable controls all outputs
• Full CMOS output swing with 25 mA output drive capability at TTL levels
• Advanced, low-power, sub-micron CMOS process
• 3.3 V +10% operating voltage




Similar Part No. - ICS650-22

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-22 RENESAS-ICS650-22 Datasheet
325Kb / 7P
PRV AND STB CLOCK SOURCE
REV F 051310
More results


Similar Description - ICS650-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
VCXO and Set-Top Clock Source
Revision 110298
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 122899
logo
List of Unclassifed Man...
TL811 ETC-TL811 Datasheet
199Kb / 2P
STB/PVR Controller IC
logo
Cypress Semiconductor
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
VCXO and Set-Top Clock Source
102704
ICS650-22 RENESAS-ICS650-22 Datasheet
325Kb / 7P
PRV AND STB CLOCK SOURCE
REV F 051310
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
NETWORKING AND PCI CLOCK SOURCE
REV F 051310
ICS3771-18 RENESAS-ICS3771-18 Datasheet
352Kb / 9P
DTV, STB CLOCK SOURCE
111307
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com